Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C11007MA Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C11007MA
Description  Mini-spectrometers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11007MA Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button C11007MA_15 Datasheet HTML 3Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 4Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 5Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 6Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 7Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 8Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 9Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 10Page - Hamamatsu Corporation C11007MA_15 Datasheet HTML 11Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Mini-spectrometers
C11007MA, C11008MA, C11009MA, C11010MA
RC series
7
The flexible printed circuit board protruding from the mini-spectrometer is used make
electrical connections to an external circuit.
· Mating connectors:
FH12-20S-0.5SV vertical type (made by HIROSE electric)
FH12-52745-2090 horizontal type (made by MOLEX)
Electrical connections with an external circuit (C11009MA, C11010MA)
Optical fibers for light input (A9762-01, A9763-01)
Type no.
Product name
Applicable mini-spectrometer
Core diamater (μm)
Specification
A9762-01
Fiber for UV/visible range
(resistance to UV)
C11007MA
600
NA=0.22, length 1.5 m,
connectorized SMA905D
at both ends
A9763-01
Fiber for visible/near
infrared range
C11008MA
Pin no. Terminal
name
I/O
Discription
Pin no. Terminal
name
I/O
Discription
NC
-
No connection
NC
-
No connection
NC
-
No connection
GAIN
I
Image sensor: gain setting
NC
-
No connection
A.GND
-
Analog GND
EOS
O
EOS (end of scan) signal
A.GND
-
Analog GND
A.GND
-
Analog GND
ST
I
Sensor scan start signal
A.GND
-
Analog GND
CLK
I
Sensor scan sync signal
VIDEO
O
Video signal output
SDA
O
Thermosensor output signal
A.GND
-
Analog GND
SCL
I
Thermosensor driver signal
A.GND
-
Analog GND
D.GND
-
Thermosensor digital GND
+5 V
I
Power supply of image sensor: +5 V
VCC
I
Power supply of thermosensor: +3.3 V
Note:
· Pins 4 to 10 and 12 to 16 are connected to the image sensor.
For information on drive specifications, refer to “CMOS linear image sensor S8377/S8378 series” datasheet.
· Pins 17 to 20 are connected to the internal thermosensor (DALLAS DS1775R).
As options for use with mini-spectrometers (C11007MA, C11008MA), Hamamatsu provides optical fibers for UV/visible range (UV
resistant) and for visible/near infrared range (core diameter 600 μm, sold separately). The mini-spectrometers (C11009MA, C11010MA)
integrate an optical fiber.
4 ± 0.5
6 ± 0.5
Thickness: 0.3
Unit: mm
Black cover
KACCC0261EB


Similar Part No. - C11007MA_15

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
C1100136 HUBBELL-C1100136 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 3.5ft
C1100137 HUBBELL-C1100137 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 5ft
C1100138 HUBBELL-C1100138 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 7ft
C1100140 HUBBELL-C1100140 Datasheet
362Kb / 1P
   Anchor, Extension, SS175, X 10ft
C1100388 HUBBELL-C1100388 Datasheet
362Kb / 1P
   Anchor, Extension, SS150, X3.5ft
More results

Similar Description - C11007MA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9913GC HAMAMATSU-C9913GC_15 Datasheet
305Kb / 8P
   Mini-spectrometers
C9404CA HAMAMATSU-C9404CA_15 Datasheet
423Kb / 8P
   Mini-spectrometers
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
C11714CB HAMAMATSU-C11714CB_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C10988MA-01 HAMAMATSU-C10988MA-01_15 Datasheet
549Kb / 10P
   Mini-spectrometers
logo
Agilent(Hewlett-Packard...
4500 HP-4500 Datasheet
301Kb / 2P
   4500 Series FTIR spectrometers
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com