Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10988MA-01 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C10988MA-01
Description  Mini-spectrometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10988MA-01 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button C10988MA-01_15 Datasheet HTML 2Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 3Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 4Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 5Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 6Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 7Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 8Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 9Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Mini-spectrometers
MS series
C10988MA-01, C11708MA
7
Recommended driver circuit example
A/D converter
Gain
Gain
CLK
ST
EOS
Vdd
GND
Video
1
4
7
9
2
10
6
CLK
EOS
ST
Timing
generator
Digital buffer
Vdd
+
-
Vdd
C10988MA-01, C11708MA
Analog arithmetic
circuit
*
(subtraction,
amplification, etc.)
* Use as needed
KACCC0502ED
Evaluation circuit C11351 for mini-spectrometer MS series
The C11351 is a circuit board designed to simply evaluate characteristics of mini-
spectrometer MS series. By using the C11351 with the MS series (sold separately) and a
USB cable A9160 (AB type; sold separately), the MS series characteristics can be evaluated
with the evaluation software*12.
Features
Initial evaluation circuit for mini-spectrometer MS series
High A/D resolution (16 bits)
Wavelength conversion factors of MS series can be input
from PC*13
Powered only via USB port
Electrical characteristics
Parameter
Specification
Unit
Interface
USB 2.0
-
A/D conversion
16
bit
Clock pulse frequency
800
kHz
Video rate
200
kHz
Integration time
5 to 10000
ms
*12: Compatible OS: Microsoft® Windows® 7 Professional SP1 (32-bit, 64-bit)
Microsoft® Windows® 8 Professional (32-bit, 64-bit)
*13: A typical wavelength conversion factor for converting the image sensor pixel number into a wavelength is recorded in C11351. To
measure a spectrum with higher wavelength accuracy, it is necessary to input the wavelength conversion factor listed in the final
inspection sheet that comes with each C10988MA-01 or C11708MA.
Note: Since the C11351 is an evaluation circuit for the MS series, the DLL function specifications are not available to users.
Microsoft and Windows are either registerd trademarks or trademarks of Microsoft Corporation in the United States and other countries.


Similar Part No. - C10988MA-01_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
C109 SANKEN-C109 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Hamamatsu Corporation
C10900D HAMAMATSU-C10900D Datasheet
514Kb / 10P
   Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
logo
Ledil, Inc.
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
   Strada Lens
logo
Cree, Inc
C10909 CREE-C10909 Datasheet
784Kb / 17P
   Eva series
More results

Similar Description - C10988MA-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11007MA HAMAMATSU-C11007MA_15 Datasheet
406Kb / 11P
   Mini-spectrometers
C9913GC HAMAMATSU-C9913GC_15 Datasheet
305Kb / 8P
   Mini-spectrometers
C9404CA HAMAMATSU-C9404CA_15 Datasheet
423Kb / 8P
   Mini-spectrometers
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
C11714CB HAMAMATSU-C11714CB_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
   Mini-spectrometers
logo
Agilent(Hewlett-Packard...
4500 HP-4500 Datasheet
301Kb / 2P
   4500 Series FTIR spectrometers
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com