Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6819R Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6819R
Description  LOW LEAKAGE CURRENT SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6819R Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6819R Datasheet HTML 1Page - Microsemi Corporation 1N6819R Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
1N6819
(MSASC75W45F)
1N6819R
(MSASC75W45FR)
45 Volts
75 Amps
Features
• Tungsten schottky barrier
• Oxide passivated structure for very low leakage currents
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
Very low thermal resistance
Available as standard polarity (strap is anode: 1N6819) and reverse
polarity (strap is cathode: 1N6819R)
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
Volts
Working Peak Reverse Voltage
VRWM
45
Volts
DC Blocking Voltage
VR
45
Volts
Average Rectified Forward Current, Tc
≤125°C
IF(ave)
75
Amps
derating, forward current, Tc
≥ 125°C
dIF/dT
4
Amps/
°C
Nonrepetitive Peak Surge Current, tp= 8.3 ms, half-sinewave
IFSM
500
Amps
Peak Repetitive Reverse Surge Current, tp= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Thermal Resistance, Junction to Case:
1N6819
1N6819R
θ
JC
0.50
0.65
°C/W
Maximum Ratings @ 25
°C (unless otherwise specified)
Mechanical Outline
ThinKey™ 4
Datasheet# MSC1030A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
LOW LEAKAGE
CURRENT
SCHOTTKY DIODE


Similar Part No. - 1N6819R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6815R MICROSEMI-1N6815R Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6816 MICROSEMI-1N6816 Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6816R MICROSEMI-1N6816R Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
More results

Similar Description - 1N6819R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 DIODES-ZLLS1000_12 Datasheet
150Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 DIODES-ZLLS1000 Datasheet
191Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
FutureWafer Tech Co.,Lt...
PTS5100T FUTUREWAFER-PTS5100T Datasheet
1Mb / 7P
   Extra Low Leakage Current Schottky Barrier Diode
logo
Diodes Incorporated
ZLLS2000 DIODES-ZLLS2000 Datasheet
602Kb / 6P
   40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Microsemi Corporation
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
   40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com