Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2122E Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SSF2122E
Description  20V Dual N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2122E Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SSF2122E_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 7Page - GOOD-ARK Electronics SSF2122E_15 Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSF2122E
20V Dual N-Channel MOSFET
www.goodark.com
Page 4 of 8
Rev.1.0
Typical Electrical and Thermal Characteristics
Figure 2. Typical Transfer Characteristics
Figure 1: Typical Output Characteristics
Figure 3. Gate to source cut-off oltage
Figure 4: Drain-to-Source Breakdown Voltage vs.
Temperature


Similar Part No. - SSF2122E_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2122E SILIKRON-SSF2122E Datasheet
547Kb / 9P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
More results

Similar Description - SSF2122E_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com