Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF102 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF102
Description  10V Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF102_15 Datasheet HTML 7Page - Texas Instruments REF102_15 Datasheet HTML 8Page - Texas Instruments REF102_15 Datasheet HTML 9Page - Texas Instruments REF102_15 Datasheet HTML 10Page - Texas Instruments REF102_15 Datasheet HTML 11Page - Texas Instruments REF102_15 Datasheet HTML 12Page - Texas Instruments REF102_15 Datasheet HTML 13Page - Texas Instruments REF102_15 Datasheet HTML 14Page - Texas Instruments REF102_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
REF102AM
OBSOLETE
TO-99
LMC
8
TBD
Call TI
Call TI
REF102AP
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
REF102P
A
REF102APG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
REF102P
A
REF102AU
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
REF
102U
A
REF102AU/2K5
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
REF
102U
A
REF102AU/2K5G4
ACTIVE
SOIC
D
8
TBD
Call TI
Call TI
REF102AUG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
REF
102U
A
REF102BM
OBSOLETE
TO-99
LMC
8
TBD
Call TI
Call TI
REF102BP
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
REF102P
B
REF102BPG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
REF102P
B
REF102BU
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
REF
102U
B
REF102BUG4
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
REF
102U
B
REF102CM
OBSOLETE
TO-99
LMC
8
TBD
Call TI
Call TI
REF102CP
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
-25 to 85
REF102P
C
REF102CPG4
ACTIVE
PDIP
P
8
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
N / A for Pkg Type
-25 to 85
REF102P
C
REF102CU
ACTIVE
SOIC
D
8
75
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-25 to 85
REF
102U
C


Similar Part No. - REF102_15

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
REF1020151M100 AVX-REF1020151M100 Datasheet
519Kb / 7P
   Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results

Similar Description - REF102_15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
2004
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com