Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF102AP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 4 Page - Texas Instruments

  REF102AP Datasheet HTML 1Page - Texas Instruments REF102AP Datasheet HTML 2Page - Texas Instruments REF102AP Datasheet HTML 3Page - Texas Instruments REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REF102
4
SBVS022B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +15V, unless otherwise noted.
POWER TURN-ON RESPONSE
V
OUT
V
IN
Time (5
µs/div)
Power Turn-On
POWER TURN-ON RESPONSE with 1
µF C
N
V
OUT
V
IN
Time (10ms/div)
Power Turn-On
POWER SUPPLY REJECTION vs FREQUENCY
130
120
110
100
90
80
70
60
1
100
1k
10k
Frequency (Hz)
LOAD REGULATION
+1.5
+1.0
+0.5
0
−0.5
−1.0
−1.5
–5
0
+5
+10
Output Current (mA)
RESPONSE TO THERMAL SHOCK
30
45
60
15
0
+600
+300
0
–300
–600
T
A =
+25
°C
REF102C Immersed in +85
°C Fluorinert Bath
Time (s)
T
A = +85°C
QUIESCENT CURRENT vs TEMPERATURE
1.6
1.4
1.2
1.0
0.8
−50
−25
0
+25
+50
+75
+100
+125
Temperature (
°C)
−75


Similar Part No. - REF102AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF102AP BURR-BROWN-REF102AP Datasheet
367Kb / 15P
   10V Precision Voltage Reference
More results

Similar Description - REF102AP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_04 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
Rev 2; 7/04
MAX674 MAXIM-MAX674 Datasheet
110Kb / 4P
   10V Precision Voltage Reference
logo
Burr-Brown (TI)
REF102 BURR-BROWN-REF102_07 Datasheet
367Kb / 15P
   10V Precision Voltage Reference
logo
Advanced Monolithic Sys...
AMSREF-01 ADMOS-AMSREF-01 Datasheet
47Kb / 5P
   10V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX674 MAXIM-MAX674_V01 Datasheet
105Kb / 5P
   10V Precision Voltage Reference
2004
logo
Linear Technology
RH1021-10 LINER-RH1021-10 Datasheet
139Kb / 4P
   Precision 10V Reference
LH0070 LINER-LH0070_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_15 Datasheet
166Kb / 12P
   Precision 10V Reference
LT1031 LINER-LT1031_05 Datasheet
156Kb / 12P
   Precision 10V Reference
RH1021-10 LINER-RH1021-10_15 Datasheet
82Kb / 4P
   Precision 10V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com