Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3012 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF3012
Description  50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3012 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF3012_15 Datasheet HTML 5Page - Texas Instruments REF3012_15 Datasheet HTML 6Page - Texas Instruments REF3012_15 Datasheet HTML 7Page - Texas Instruments REF3012_15 Datasheet HTML 8Page - Texas Instruments REF3012_15 Datasheet HTML 9Page - Texas Instruments REF3012_15 Datasheet HTML 10Page - Texas Instruments REF3012_15 Datasheet HTML 11Page - Texas Instruments REF3012_15 Datasheet HTML 12Page - Texas Instruments REF3012_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REF3012, 3020, 3025, 3030, 3033, 3040
9
SBVS032F
www.ti.com
NOISE PERFORMANCE
The REF30xx generates noise less than 50
µVp-p between
frequencies of 0.1Hz to 10Hz, and can be seen in the Typical
Characteristic Curve “0.1 to 10Hz Voltage Noise.” The noise
voltage of the REF30xx increases with output voltage and
operating temperature. Additional filtering may be used to
improve output noise levels, although care should be taken
to ensure the output impedance does not degrade AC
performance.
LONG TERM STABILITY
Long term stability refers to the change of the output voltage
of a reference over a period of months or years. This effect
lessens as time progresses as is apparent by the long term
stability curves. The typical drift value for the REF30xx is
24ppm from 0-1000 hours, and 15ppm from 1000-2000
hours. This parameter is characterized by measuring 30
units at regular intervals for a period of 2000 hours.
LOAD REGULATION
Load regulation is defined as the change in output voltage
due to changes in load current. Load regulation for the
REF30xx is measured using force and sense contacts as
pictured in Figure 4. The force and sense lines tied to the
contact area of the output pin reduce the impact of contact
and trace resistance, resulting in accurate measurement of
the load regulation contributed solely by the REF30xx. For
applications requiring improved load regulation, force and
sense lines should be used.
Output Pin
Meter
V
OUT
+
Sense Line
Force Line
Load
I
L
Contact and
Trace Resistance
FIGURE 4. Accurate Load Regulation of REF30xx.
APPLICATION CIRCUITS
Negative Reference Voltage
For applications requiring a negative and positive reference
voltage, the OPA703 and REF30xx can be used to provide
a dual supply reference from a
±5V supply. Figure 5 shows
the REF3025 used to provide a
±2.5V supply reference
voltage. The low offset voltage and low drift of the OPA703
complement the low drift performance of the REF30xx to
provide an accurate solution for split-supply applications.
OPA703
REF3025
+5V
–5V
+5V
10k
10k
+2.5V
–2.5V
FIGURE 5. REF3025 Combined with OPA703 to Create
Positive and Negative Reference Voltages.
DATA ACQUISITION
Often data acquisition systems require stable voltage
references to maintain necessary accuracy. The REF30xx
family features stability and a wide range of voltages suitable
for most micro-controllers and data converters. Figure 6 and
Figure 7 show two basic data acquisition systems.


Similar Part No. - REF3012_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3012AIDBZR TI-REF3012AIDBZR Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3012AIDBZR BURR-BROWN-REF3012AIDBZR Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012AIDBZR TI1-REF3012AIDBZR Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
logo
Burr-Brown (TI)
REF3012AIDBZRG4 BURR-BROWN-REF3012AIDBZRG4 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012AIDBZRG4 TI1-REF3012AIDBZRG4 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Voltage Reference
More results

Similar Description - REF3012_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF2912 TI-REF2912_08 Datasheet
581Kb / 15P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
REF3012 TI-REF3012 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
logo
Texas Instruments
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
[Old version datasheet]   50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
[Old version datasheet]   4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com