Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAV24C32 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAV24C32
Description  CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV24C32 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAV24C32 Datasheet HTML 2Page - ON Semiconductor CAV24C32 Datasheet HTML 3Page - ON Semiconductor CAV24C32 Datasheet HTML 4Page - ON Semiconductor CAV24C32 Datasheet HTML 5Page - ON Semiconductor CAV24C32 Datasheet HTML 6Page - ON Semiconductor CAV24C32 Datasheet HTML 7Page - ON Semiconductor CAV24C32 Datasheet HTML 8Page - ON Semiconductor CAV24C32 Datasheet HTML 9Page - ON Semiconductor CAV24C32 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAV24C32
http://onsemi.com
10
Example of Ordering Information
CAV24C32WE−GT3 (Note 11)
Prefix
Device #
Suffix
Company ID
CAV
24C32
W
Product Number
24C32
E
− GT3
Package
E = Automotive (−40°C to +125°C)
Temperature Range
W: SOIC, JEDEC
Y: TSSOP
T: Tape & Reel
3: 3,000 / Reel
Lead Finish
G: NiPdAu
Tape & Reel (Note 13)
9. All packages are RoHS-compliant (Lead-free, Halogen-free).
10.The standard lead finish is NiPdAu.
11. The device used in the above example is a CAV24C32WE−GT3 (SOIC, Automotive Temperature, NiPdAu, Tape & Reel, 3,000/Reel).
12.For other package options, please contact your nearest ON Semiconductor Sales office.
13.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAV24C32/D
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAV24C32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C32 ONSEMI-CAV24C32 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAV24C32 ONSEMI-CAV24C32 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
CAV24C32C4CTR ONSEMI-CAV24C32C4CTR Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAV24C32C4CTR ONSEMI-CAV24C32C4CTR Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
CAV24C32C5ATR ONSEMI-CAV24C32C5ATR Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
More results

Similar Description - CAV24C32

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-29UXX0A SII-S-29UXX0A Datasheet
857Kb / 15P
   CMOS SERIAL EEPROM
S-29453A SII-S-29453A Datasheet
757Kb / 13P
   CMOS SERIAL EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24AA128 ARTSCHIP-24AA128 Datasheet
1Mb / 10P
   CMOS Serial EEPROM
logo
Seiko Instruments Inc
S-29UX94A SII-S-29UX94A Datasheet
875Kb / 15P
   CMOS SERIAL EEPROM
S-29X91A SII-S-29X91A Datasheet
975Kb / 17P
   CMOS SERIAL EEPROM
S-29XX0A SII-S-29XX0A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128 Datasheet
147Kb / 11P
   CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAV24M01 ONSEMI-CAV24M01 Datasheet
159Kb / 11P
   CMOS Serial EEPROM
June, 2013 ??Rev. 1
logo
Seiko Instruments Inc
S-29XX1A SII-S-29XX1A Datasheet
1Mb / 20P
   CMOS SERIAL EEPROM
S-29LXX0A SII-S-29LXX0A Datasheet
895Kb / 16P
   CMOS SERIAL EEPROM
S-29UXX1A SII-S-29UXX1A Datasheet
999Kb / 18P
   CMOS SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com