Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148-1 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # 1N4148-1
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148-1 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button 1N4148-1 Datasheet HTML 6Page - Microsemi Corporation 1N4148-1 Datasheet HTML 7Page - Microsemi Corporation 1N4148-1 Datasheet HTML 8Page - Microsemi Corporation 1N4148-1 Datasheet HTML 9Page - Microsemi Corporation 1N4148-1 Datasheet HTML 10Page - Microsemi Corporation 1N4148-1 Datasheet HTML 11Page - Microsemi Corporation 1N4148-1 Datasheet HTML 12Page - Microsemi Corporation 1N4148-1 Datasheet HTML 13Page - Microsemi Corporation 1N4148-1 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MIL-PRF-19500/116L
10
4.4 Conformance inspection. Conformance inspection shall be in accordance with MIL-PRF-19500 and as specified
herein.
4.4.1 Group A inspection. Group A inspection shall be conducted in accordance with MIL-PRF-19500 and table I
herein. Electrical measurements (end-points) shall be in accordance with Table I, group A, subgroup 2 herein.
4.4.2 Group B inspection. Group B inspection shall be conducted in accordance with the conditions specified for
subgroup testing in table VIb (JANTX and JANTXV) of MIL-PRF-19500 and as specified herein. Electrical
measurements (end-points) shall be in accordance with Table I, group A, subgroup 2 herein except for the thermal
impedance test.
4.4.2.1 Group B inspection, table VIb (JANTX, JANTXV) of MIL-PRF-19500.
Subgroup
Method
Conditions
B2
2005
I
F = 100 mA, axial tensile stress = 8 lbs, TA = +150GC; (not applicable to UR or UB
package). (This test shall be performed as the first test of subgroup 2).
B3
1027
T
A = +30GC H5GC, VRWM = 75 V(pk), f = 50-60 Hz (see 4.5.1); 1N914: IO = 5 mA,
1N4531: I
O = 125 mA, 1N4148-1: IO = 200 mA.
B4
2075
See 4.5.4 herein.
B5
3101
R6JL = 250GC/W, .375 inch (9.52 mm) lead length (non-surface mount).
or 4081
R6JL 100GC/W (UR), R6JC = 150GC/W (UB).
4.4.3 Group C inspection. Group C inspection shall be conducted in accordance with the conditions specified for
subgroup testing in table VII of MIL-PRF-19500, and as follows. Electrical measurements (end-points) shall be in
accordance with Table I, group A, subgroup 2 herein except for the thermal impedance test.
Subgroup
Method
Conditions
C2
1056
100 cycles.
C2
2036
Tension: Test condition A, t = 15 seconds, weight = 10 pounds. Lead fatigue:
Test condition E. Terminal strength and lead fatigue not applicable to
UB or UR devices.
C6
1026
T
A = +30GC H5GC, VRWM = 75 V(pk), f = 50-60 Hz (see 4.5.1), for:
1N914
I
O = 75 mA.
1N4531
I
O = 125 mA.
1N4148-1
I
O = 200 mA.
4.5 Methods of inspection. Methods of inspection shall be as specified in the appropriate tables and as follows.
4.5.1 Pulse measurements. Conditions for pulse measurements shall be specified in section 4 of MIL-STD-750.
4.5.2 Life tests. AC tests shall be conducted with a half-sine wave of the peak voltage specified herein impressed
across the diode in the reverse direction, followed by a half-sine waveform of the average rectified current specified
herein. The forward conduction angle of the rectified current shall be not greater than 180 degree nor less than
150 degree.


Similar Part No. - 1N4148-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4148-1 MICROSEMI-1N4148-1 Datasheet
476Kb / 1P
   Silicon Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
41Kb / 2P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
94Kb / 1P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
325Kb / 4P
   Glass Axial Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
326Kb / 4P
   Glass Axial Switching Diode
More results

Similar Description - 1N4148-1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com