Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6501 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN6501
Description  SN6501 Transformer Driver for Isolated Power Supplies
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN6501_15 Datasheet HTML 6Page - Texas Instruments SN6501_15 Datasheet HTML 7Page - Texas Instruments SN6501_15 Datasheet HTML 8Page - Texas Instruments SN6501_15 Datasheet HTML 9Page - Texas Instruments SN6501_15 Datasheet HTML 10Page - Texas Instruments SN6501_15 Datasheet HTML 11Page - Texas Instruments SN6501_15 Datasheet HTML 12Page - Texas Instruments SN6501_15 Datasheet HTML 13Page - Texas Instruments SN6501_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
50
100
150
200
250
300
350
0
105 125
25
65
-15
TA - Free Air Temperature -
oC
5
45
85
-35
-55
VCC = 3.3V
VCC = 5V
340
360
380
400
420
440
460
320
105 125
25
65
-15
TA - Free Air Temperature -
oC
5
45
85
-35
-55
VCC = 3.3V
VCC = 5V
6
5
4
3
2
0
1
TP1
TP2
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
T1 = 750313638 (5kV)
VIN = 5V, VOUT = 3.3V
10
20
30
40
50
60
70
80
90
0
TP1
TP2
80
100
90
40
60
20
0
30
50
70
10
T1 = 750313638 (5kV)
VIN = 5V, VOUT = 3.3V
1
2
3
4
5
6
7
8
0
TP2
TP1
T1 = 750313626 (5kV)
VIN = 3.3V, VOUT = 5V
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
10
20
30
40
50
60
70
80
90
0
TP1
TP2
T1 = 750313626 (5kV)
VIN = 3.3V, VOUT = 5V
80
100
90
40
60
20
0
ILOAD - mA
30
50
70
10
SN6501
SLLSEA0G – FEBRUARY 2012 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
TP1 Curves are measured with the Circuit in Figure 33; whereas, TP1 and TP2 Curves are measured with Circuit in Figure 35
(TA = 25°C unless otherwise noted). See Table 3 for Transformer Specifications.
Figure 26. Efficiency vs Load Current
Figure 25. Output Voltage vs Load Current
Figure 28. Efficiency vs Load Current
Figure 27. Output Voltage vs Load Current
Figure 29. Average Supply Current vs Free-Air Temperature
Figure 30. D1, D2 Switching Frequency vs Free-Air
Temperature
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: SN6501


Similar Part No. - SN6501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
More results

Similar Description - SN6501_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
   500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
   1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
   Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
MAX256 MAXIM-MAX256_05 Datasheet
271Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 0; 8/05
MAX256 MAXIM-MAX256_12 Datasheet
218Kb / 14P
   3W Primary-Side Transformer H-Bridge Driver for Isolated Supplies
Rev 1; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com