Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-16801 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAF-16801
Description  Full Frame CCD Image Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-16801 Datasheet(HTML) 1 Page - ON Semiconductor

  KAF-16801 Datasheet HTML 1Page - ON Semiconductor KAF-16801 Datasheet HTML 2Page - ON Semiconductor KAF-16801 Datasheet HTML 3Page - ON Semiconductor KAF-16801 Datasheet HTML 4Page - ON Semiconductor KAF-16801 Datasheet HTML 5Page - ON Semiconductor KAF-16801 Datasheet HTML 6Page - ON Semiconductor KAF-16801 Datasheet HTML 7Page - ON Semiconductor KAF-16801 Datasheet HTML 8Page - ON Semiconductor KAF-16801 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 3
1
Publication Order Number:
KAF−16801/D
KAF-16801
4096 (H) x 4096 (V) Full
Frame CCD Image Sensor
Description
The KAF−16801 is a high performance area CCD (charge-coupled
device) image sensor with 4096 (H)
× 4096 (V) photo active pixels
designed for a wide range of image sensing applications.
The sensor incorporates true two-phase CCD technology,
simplifying the support circuits required to drive the sensor as well as
reducing dark current without compromising charge capacity.
The sensor also utilizes the TRUESENSE Transparent Gate Electrode
to improve sensitivity compared to the use of a standard front side
illuminated polysilicon electrode.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Full Frame CCD
Pixel Count
4096 (H)
× 4096 (V)
Pixel Size
9.0
mm (H) × 9.0 mm (V)
Active Image Size
36.88 mm (H)
× 36.88 mm (V)
52.1 mm (Diagonal)
645 1.3x Optical Format
Chip Size
38.60 mm (H)
× 37.76 mm (V)
Optical Fill Factor
100%
Saturation Signal
100,000 electrons
Output Sensitivity
13
mV/e
Dark Current (Accumulation Model)
< 10 pA/cm2
Dark Current Doubling Rate
6
°C
Dynamic Range
(Saturation Signal/Dark Noise)
76 dB
Quantum Efficiency
(450, 550, 650 nm)
40%, 52%, 65%
Maximum Date Rate
10 MHz
Package
CERDIP Package (Sidebrazed)
Cover Glass
Clear
NOTE: Parameters above are specified at T = 25
°C unless otherwise noted.
www.onsemi.com
Figure 1. KAF−16801 Full Frame
CCD Image Sensor
Features
True Two Phase Full Frame Architecture
TRUESENSE Transparent Gate Electrode
for High Sensitivity
Low Dark Current
High Output Sensitivity
Application
Scientific Imaging
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-16801 ONSEMI-KAF-16801 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-AE ONSEMI-KAF-16801-AAA-DP-AE Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B1 ONSEMI-KAF-16801-AAA-DP-B1 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B2 ONSEMI-KAF-16801-AAA-DP-B2 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results

Similar Description - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com