Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAF-16803 Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAF-16803
Description  FULL FRAME CCD IMAGE SENSOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-16803 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAF-16803 Datasheet HTML 3Page - ON Semiconductor KAF-16803 Datasheet HTML 4Page - ON Semiconductor KAF-16803 Datasheet HTML 5Page - ON Semiconductor KAF-16803 Datasheet HTML 6Page - ON Semiconductor KAF-16803 Datasheet HTML 7Page - ON Semiconductor KAF-16803 Datasheet HTML 8Page - ON Semiconductor KAF-16803 Datasheet HTML 9Page - ON Semiconductor KAF-16803 Datasheet HTML 10Page - ON Semiconductor KAF-16803 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
KAF-16803 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0040 Pg 7
Device Description
ARCHITECTURE
20
9
20 Dark
9
1 2
4 1 3
1 Test Row
V1
LOD
20
4 1 3
2
VOUT
SUB
OG
RG
RD
VDD
VSS
1 6
4096
9 1
H1
H2
V2
1
1
1
1
6
1
1
KAF-16803
4096 H x 4096 V
9 µm x 9 µm
Pixels
Figure 1: Block Diagram
Each line is composed of dummy pixels, internal test pixels, active buffer pixels, and valid photoactive pixels.
Dummy Pixels
Within each horizontal shift register the first pixels are 11 dummy pixels and should not be used to determine a dark
reference level.
Internal Test
The next 4 pixels are introduced into the design to facilitate production testing. These behave differently than the
buffer and dark pixels and should not be used to establish a dark reference. The last three pixels in each line are also
internal test pixels and should not be used to establish a dark reference.


Similar Part No. - KAF-16803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-16801 ONSEMI-KAF-16801 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
July, 2015 ??Rev. 3
KAF-16801 ONSEMI-KAF-16801 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-AE ONSEMI-KAF-16801-AAA-DP-AE Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
July, 2015 ??Rev. 3
KAF-16801-AAA-DP-AE ONSEMI-KAF-16801-AAA-DP-AE Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B1 ONSEMI-KAF-16801-AAA-DP-B1 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
July, 2015 ??Rev. 3
More results

Similar Description - KAF-16803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com