Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV47011P Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV47011P
Description  4-Channel BTL Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV47011P Datasheet(HTML) 2 Page - ON Semiconductor

  LV47011P Datasheet HTML 1Page - ON Semiconductor LV47011P Datasheet HTML 2Page - ON Semiconductor LV47011P Datasheet HTML 3Page - ON Semiconductor LV47011P Datasheet HTML 4Page - ON Semiconductor LV47011P Datasheet HTML 5Page - ON Semiconductor LV47011P Datasheet HTML 6Page - ON Semiconductor LV47011P Datasheet HTML 7Page - ON Semiconductor LV47011P Datasheet HTML 8Page - ON Semiconductor LV47011P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LV47011P
No.A1838-2/10
Specifications
Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max1
No signal, t = 1 minute
26
V
VCC max2
During operations
18
V
Maximum output current
IO peak
Per channel
4.5/ch
A
Allowable power dissipation
Pd max
With an infinity heat sink
50
W
Operating temperature
Topr
-40 to +85
C
Storage temperature
Tstg
-40 to +150
C
Thermal resistance between the junction
and case
j-c
1
C/W
Recommended Operating Ranges at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
14.4
V
Recommended load resistance
RL op
4
Operating supply voltage range
VCC op
A range not exceeding Pdmax
8 to 16
V
Electrical Characteristics at Ta = 25°C, VCC = 14.4V, RL = 4, f = 1kHz, Rg = 600
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO
RL = , Rg = 0
200
400
mA
Standby current
Ist
Vst = 0V
3
A
Voltage gain
VG
VO = 0dBm
25
26
27
dB
Voltage gain difference
VG
-1
+1
dB
Output power
PO
THD = 10%
24
29
W
PO max1
Max Power
45
W
PO max2
VCC = 15.2, Max Power
50
W
Output offset voltage
Vn offset
Rg = 0
-100
+100
mV
Total harmonic distortion
THD
PO = 4W
0.03
0.12
%
Channel separation
CHsep
VO = 0dBm, Rg = 10k
55
65
dB
Ripple rejection ratio
SVRR
Rg = 0
, fr = 100Hz, VCCR = 0dBm
50
65
dB
Output noise voltage
VNO
Rg = 0
, B.P.F. = 20Hz to 20kHz
80
150
Vrms
Input resistance
Ri
40
50
65
k
Mute attenuation
Matt
VO = 20dBm, mute : on
75
90
dB
Standby pin control voltage
Vstby H
Amp : on
2.5
VCC
V
Vstby L
Amp : off
0.0
0.5
V
Mute pin control voltage
Vmute H
Mute : off
Open
-
Vmute L
Mute : on
0.0
1.0
V
Output offset detection
Detection threshold voltage
Vosdet
1.2
1.8
2.4
V
* 0dBm = 0.775Vrms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
More results

Similar Description - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47009P ONSEMI-LV47009P Datasheet
177Kb / 11P
   4-Channel BTL Power Amplifier
May, 2013
LV47017P ONSEMI-LV47017P Datasheet
182Kb / 11P
   4-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P_12 Datasheet
296Kb / 11P
   4-Channel BTL Power Amplifier
logo
ON Semiconductor
ENA2047A ONSEMI-ENA2047A Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier
May, 2013
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com