Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL4050B25QDBZRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL4050B25QDBZRQ1
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4050B25QDBZRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TL4050B25QDBZRQ1 Datasheet HTML 1Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 2Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 3Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 4Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 5Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 6Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 7Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 8Page - Texas Instruments TL4050B25QDBZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CATHODE
ANODE
*
1
2
3
DCK (SC-70) PACKAGE
(TOP VIEW)
ANODE
NC
CATHODE
NC
NC
1
2
3
5
4
NC – No internal connection
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
«Pin 3 is attached to Substrate and must
be connected to ANODE or left open.
TL4050-Q1
www.ti.com
SLOS588F – JUNE 2008 – REVISED APRIL 2013
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Check for Samples: TL4050-Q1
1
FEATURES
Capacitor Required
Available in Extended Temperature Range:
Qualified for Automotive Applications
–40°C to 125°C
Fixed Output Voltages of 2.048 V, 2.5 V,
4.096 V, 5 V
APPLICATIONS
Tight Output Tolerances and Low Temperature
Data-Acquisition Systems
Coefficient
Power Supplies and Power-Supply Monitors
Max 0.1%, 50 ppm/°C – A Grade
Instrumentation and Test Equipment
Max 0.2%, 50 ppm/°C – B Grade
Process Controls
Max 0.5%, 50 ppm/°C – C Grade
Precision Audio
Low Output Noise: 41
μVRMS Typ
Automotive Electronics
Wide Operating Current Range:
60
μA Typ to 15 mA
Energy Management
Stable With All Capacitive Loads; No Output
Battery-Powered Equipment
DESCRIPTION
The TL4050-Q1 family of shunt voltage references are versatile easy-to-use references suitable for a wide array
of applications. The two-terminal fixed-output device requires no external capacitors for operation and is stable
with all capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low
temperature coefficient to ensure a stable output voltage over a wide range of operating currents and
temperatures.
The TL4050-Q1 is available in three initial tolerances, ranging from 0.1% (maximum) for the A grade to
0.5% (maximum) for the C grade. Thus, a great deal of flexibility is available to designers in choosing the best
cost-to-performance ratio for their applications. Packaged in the space-saving SOT-23-3 and SC-70 packages
and requiring a minimum current of 45
μA (typical), the TL4050-Q1 also is ideal for portable applications.
The TL4050x-Q1 characterization is for operation over an ambient temperature range of –40°C to 125°C.
PACKAGE AND ORDERING INFORMATION
For the most-current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI Web site at www.ti.com.
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL4050B25QDBZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4050B25QDBZRQ1 TI-TL4050B25QDBZRQ1 Datasheet
948Kb / 20P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - TL4050B25QDBZRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com