Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A9261-A-000 Datasheet(PDF) 2 Page - AMIC Technology

Part # A9261-A-000
Description  13.56MHz ISO-14443A Reader Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A9261-A-000 Datasheet(HTML) 2 Page - AMIC Technology

  A9261-A-000 Datasheet HTML 1Page - AMIC Technology A9261-A-000 Datasheet HTML 2Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A9261-A-000
13.56MHz ISO-14443A Reader Module
AMIC Technology Corporation
Fax: +886-3-567-9977
No. 2, Li-Shin 6 Road, SBIP, Hsinchu 300, Taiwan, ROC
Tel: +886-3-567-9966
Rev 1.4
101405-1.4
System Specification
Standard
ISO 14443A
Operating Frequency
13.56MHz
Storage Temperature
-10°C to +60°C
Operating Temperature
0°C to +50°C
Operating Distance
Depend on the type of antenna and transponder
Host Interface
RS-232 (TTL level)
Host Communication Baud Rate
9600 bps
Power Source
+5VDC
Connectors
Antenna connector, System connector
Connector Pin Assignment
Pin Number
Signal Name
Connector Definition
1
+5VDC
2
GND
3
TXD
4
RXD
5
Reserved
6
Reserved
Dimension
Dimension: 49 x 52mm


Similar Part No. - A9261-A-000

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
   13.56MHz ISO15693 Reader Module
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
   13.56MHz ISO15693 Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
logo
Tyco Electronics
A92664-000 MACOM-A92664-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TOKO, Inc
A926AY-100M TOKO-A926AY-100M Datasheet
95Kb / 1P
   Fixed Inductors for Surface Mounting
More results

Similar Description - A9261-A-000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
   Highly Integrated ISO 14443A Reader IC
January 2002
logo
AMIC Technology
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
   13.56MHz ISO15693 Reader Module
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
   13.56MHz ISO15693 Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
   13.56MHz Industrial RFID Reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
AMIC Technology
A9230-C AMICC-A9230-C Datasheet
85Kb / 2P
   13.56MHz Desk-Top Reader System
A9230-D AMICC-A9230-D Datasheet
115Kb / 2P
   13.56MHz Desk-Top Reader System
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com