Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU9214 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU9214
Description  4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU9214 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU9214 Datasheet HTML 3Page - New Japan Radio NJU9214 Datasheet HTML 4Page - New Japan Radio NJU9214 Datasheet HTML 5Page - New Japan Radio NJU9214 Datasheet HTML 6Page - New Japan Radio NJU9214 Datasheet HTML 7Page - New Japan Radio NJU9214 Datasheet HTML 8Page - New Japan Radio NJU9214 Datasheet HTML 9Page - New Japan Radio NJU9214 Datasheet HTML 10Page - New Japan Radio NJU9214 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
NJU9214
The input voltage is divided by the attenuator, and then the attenuator output is supplied to counter through the
buffer.
The divided voltage is converted to DC voltage by the external RMS/DC converter, and the dividing voltage ratio of
the input attenuator is changed by this DC voltage, Noises or distorted waveforms sometimes show different
display against actual frequency.
The frequency range is always fixed to the Auto-range mode. It is able to switch from 100Hz to 1,000kHz and
the measurement cycle is 1 time a second.
( 1 - 7 ) Frequency ( f ) measurement
It is possible to measure numbers of revolution like as the revolutions of engine. The measurement is same way
as the frequency measurement. The revolutions are calculated by the value of 60 times the frequency.
The revolution range is always selected one of 6,000 to 600krpm automatically.
The minimum input voltage ( wave amplitude ) is about 300mV and the measurement cycle is 1 time a second.
( 1 - 8 ) RPM measurement
The constant-current charges the measured capacitor, and the charging time, while the voltage of capacitance
reaches to the reference voltage, is measured and converted to the capacitance value.
If the measured capacitor has any electric charges, accurate measurement is not available. Therefore the
measured capacitor must be discharged before measurement.
The sense terminal is the OVX terminal.
( 1 - 9 ) Capacitance ( C ) measurement
The voltage between the ADP terminal and the SGND is supplied to the A/D converter directly. Both of ADP
terminal ( + ) and SGND terminal ( - ) are High-impedance in DC400mV range.
Therefore, it is also used as differential input.
( 1 - 10 ) Adapter ( ADP ) measurement
The lock or push type input switch is applied for function selection. The switch type is selected in both of auto
and manual ranges by the RMS terminal setting.
When the push type switch is selected, auto ranging is always selected.
When the lock type switch is selected and the RMS terminal is GND ( L ) level, all ranges are selected by
switches. But if the RMS terminal is VDD level ( H ), auto range, manual range selection and the range set are
performed by a push type switch.
( 2 ) Switch input Mode
l
a
n
i
m
r
e
T
S
M
Kl
a
n
i
m
r
e
T
S
M
RH
C
T
I
W
SE
G
N
A
R
HH
e
p
y
t
k
c
o
L
o
t
u
A
ll
u
F
HL
l
a
u
n
a
M
L*
e
p
y
t
h
s
u
Po
t
u
A
ll
u
F
e
r
a
C
t
'
n
o
D
:
*
Both of lock and push type application have the chattering protective function which reject the chattering less
than 20ms.


Similar Part No. - NJU9214

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210CF NJRC-NJU9210CF Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210F NJRC-NJU9210F Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9212 NJRC-NJU9212 Datasheet
391Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
More results

Similar Description - NJU9214

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9207B NJRC-NJU9207B Datasheet
440Kb / 13P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI?
NJU9212 NJRC-NJU9212 Datasheet
391Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9207 NJRC-NJU9207 Datasheet
430Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
   Digital Multimeter Digit height 33mm
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
   6쩍-Digit USB Digital Multimeter
logo
UMC Corporation
UM7108 UMC-UM7108 Datasheet
526Kb / 20P
   One Chip 3 1/2-Digit Digital Multimeter
logo
TEKTRONIX, INC.
2110 TEKTRONIX-2110 Datasheet
864Kb / 4P
   5쩍-Digit Dual-Display Digital Multimeter
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com