Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP62S16256F-I Datasheet(PDF) 5 Page - AMIC Technology

Part # LP62S16256F-I
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256F-I Datasheet(HTML) 5 Page - AMIC Technology

  LP62S16256F-I_15 Datasheet HTML 1Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 2Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 3Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 4Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 5Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 6Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 7Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 8Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LP62S16256F-I Series
(March, 2007, Version 1.0)
4
AMIC Technology, Corp.
Absolute Maximum Ratings*
VCC to GND .............................................. -0.5V to +4.0V
IN, IN/OUT Volt to GND ................... -0.5V to VCC + 0.5V
Operating Temperature, Topr ...................-40
°C to +85°C
Storage Temperature, Tstg.....................-55
°C to +125°C
Power Dissipation, PT....................................................................... 0.7W
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended.
Exposure to the absolute
maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics (TA = -40°C to + 85°C, VCC = 2.7V to 3.6V, GND = 0V)
Symbol
Parameter
LP62S16256F-55LLI / 70LLI
Unit
Conditions
Min.
Typ.
Max.
⏐ILI
Input Leakage Current
-
-
1
μA
VIN = GND to VCC
⏐ILO
Output Leakage Current
-
-
1
μA
CE = VIH
HB = VIH or OE = VIH or
WE = VIH
VI/O = GND to VCC
ICC
Active Power Supply Current
-
-
5
mA
CE = VIL, II/O = 0mA
ICC1
-
25
40
mA
Min. Cycle, Duty = 100%
Dynamic Operating Current
CE = VI, II/O = 0mA
ICC2
-
5
8
mA
CE = VIL, VIH = VCC,
VIL = 0V, f = 1MHz,
II/O = 0 mA
ISB
-
-
1
mA
CE = VIH
VCC
≤ 3.3V
ISB1
Standby Current
-
0.3
10
μA
CE
≥ VCC - 0.2V,
VCC
≤ 3.3V
VIN
≥ 0V
VOL
Output Low Voltage
-
-
0.4
V
IOL = 2.1 mA
VOH
Output High Voltage
2.2
-
-
V
IOH = -1.0 mA


Similar Part No. - LP62S16256F-I_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256F-I AMICC-LP62S16256F-I Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256F-I_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com