Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU9214FG1 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU9214FG1
Description  4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU9214FG1 Datasheet(HTML) 2 Page - New Japan Radio

  NJU9214FG1 Datasheet HTML 1Page - New Japan Radio NJU9214FG1 Datasheet HTML 2Page - New Japan Radio NJU9214FG1 Datasheet HTML 3Page - New Japan Radio NJU9214FG1 Datasheet HTML 4Page - New Japan Radio NJU9214FG1 Datasheet HTML 5Page - New Japan Radio NJU9214FG1 Datasheet HTML 6Page - New Japan Radio NJU9214FG1 Datasheet HTML 7Page - New Japan Radio NJU9214FG1 Datasheet HTML 8Page - New Japan Radio NJU9214FG1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
NJU9214
!
!
!
!
!BLOCK DIAGRAM
DCV
DCV
DCV
DCV,,,, ACV
ACV
ACV
ACV,,,,
Ω,
,
,
,
,
,
,
,
,
,
,
,CAP
CAP
CAP
CAP,,,,
DCmA
DCmA
DCmA
DCmA,,,, ACmA
ACmA
ACmA
ACmA,,,,
FRQ
FRQ
FRQ
FRQ,,,, rpm
rpm
rpm
rpm
IVSL
IVSL
IVSL
IVSL,,,, IVSH
IVSH
IVSH
IVSH
VI
VI
VI
VI,,,,
VR2
VR2
VR2
VR2 to
to
to
to 7777,,,,
OVH
OVH
OVH
OVH,,,,
OVX
OVX
OVX
OVX
HIGH
HIGH
HIGH
HIGH
RESOLUTION
RESOLUTION
RESOLUTION
RESOLUTION
A/D SECTION
A/D SECTION
A/D SECTION
A/D SECTION
HIGH
HIGH
HIGH
HIGH
SPEED
SPEED
SPEED
SPEED
A/D SECTION
A/D SECTION
A/D SECTION
A/D SECTION
BATT
BATT
BATT
BATT
LOW
LOW
LOW
LOW
DETECTOR
DETECTOR
DETECTOR
DETECTOR
LCD
LCD
LCD
LCD
CONTROLER
CONTROLER
CONTROLER
CONTROLER
LCD
LCD
LCD
LCD
REFERENCE
REFERENCE
REFERENCE
REFERENCE
REGURATOR
REGURATOR
REGURATOR
REGURATOR
VDDA
VDDA
VDDA
VDDA AGND
AGND
AGND
AGND VSSA
VSSA
VSSA
VSSA
VDDD
VDDD
VDDD
VDDD VSSD
VSSD
VSSD
VSSD
+5.0V 0V
+5.0V 0V
+5.0V 0V
+5.0V 0V -5.0V
5.0V
-5.0V
5.0V
-5.0V
5.0V
-5.0V
5.0V
0V
0V
0V
0V
HIGH RESOLUTION A/D I/F
HIGH RESOLUTION A/D I/F
HIGH RESOLUTION A/D I/F
HIGH RESOLUTION A/D I/F
HIGH SPEED
HIGH SPEED
HIGH SPEED
HIGH SPEED
A/D I/F
A/D I/F
A/D I/F
A/D I/F
SWITCH
SWITCH
SWITCH
SWITCH
NETWORK
NETWORK
NETWORK
NETWORK
I/F
I/F
I/F
I/F
FRQ
FRQ
FRQ
FRQ
BUFFER
BUFFER
BUFFER
BUFFER
HIGH SPEED
HIGH SPEED
HIGH SPEED
HIGH SPEED
A/D CONTROLER
A/D CONTROLER
A/D CONTROLER
A/D CONTROLER
HIGH RESOLUTION
HIGH RESOLUTION
HIGH RESOLUTION
HIGH RESOLUTION
A/D CONTROLER
A/D CONTROLER
A/D CONTROLER
A/D CONTROLER
SWITCH
SWITCH
SWITCH
SWITCH
NETWORK
NETWORK
NETWORK
NETWORK
CONTROLER
CONTROLER
CONTROLER
CONTROLER
KEY
KEY
KEY
KEY
CONTROLE
CONTROLE
CONTROLE
CONTROLE
4bit CPU
4bit CPU
4bit CPU
4bit CPU
BUZZER
BUZZER
BUZZER
BUZZER
CONTROLE
CONTROLE
CONTROLE
CONTROLE
R
BUZZER
BUZZER
BUZZER
BUZZER
4bitBUS
4bitBUS
4bitBUS
4bitBUS
KEY MATRIX
KEY MATRIX
KEY MATRIX
KEY MATRIX
RS232C
RS232C
RS232C
RS232C
CONTROLER
CONTROLER
CONTROLER
CONTROLER
RELAY
RELAY
RELAY
RELAY
CONT-
CONT-
CONT-
CONT-
ROLER
ROLER
ROLER
ROLER
OSC
OSC
OSC
OSC
POWER ON
POWER ON
POWER ON
POWER ON
INITIALIZE
INITIALIZE
INITIALIZE
INITIALIZE
TEST
TEST
TEST
TEST
ANALOG
SECTION
DIGITAL
SECTION
COM1
COM1
COM1
COM1 to 4
to 4
to 4
to 4
SEG1
SEG1
SEG1
SEG1 to
to
to
to 28
28
28
28
FC1
FC1
FC1
FC1 to
to
to
to 4444,,,,
KI1
KI1
KI1
KI1 to
to
to
to 5555
TRX
TRX
TRX
TRX
TXS
TXS
TXS
TXS
RST
RST
RST
RST
PON
PON
PON
PON
REFERENCE
REFERENCE
REFERENCE
REFERENCE
BUFFER
BUFFER
BUFFER
BUFFER
LCD DRIVER and
LCD DRIVER and
LCD DRIVER and
LCD DRIVER and
POWER
POWER
POWER
POWER
A
A
A
A
CAPACITOR
CAPACITOR
CAPACITOR
CAPACITOR
A/D SECTION
A/D SECTION
A/D SECTION
A/D SECTION
RMSIN
RMSIN
RMSIN
RMSIN
SGND
SGND
SGND
SGND
ADP
ADP
ADP
ADP
RD1
RD1
RD1
RD1 to
to
to
to 4444
BZ
BZ
BZ
BZ
RS232C
RS232C
RS232C
RS232C
DRIVER
DRIVER
DRIVER
DRIVER
T1
T1
T1
T1 to
to
to
to T3
T3
T3
T3
XT1
XT2
XT1
XT2
XT1
XT2
XT1
XT2
COM
COM
COM
COM


Similar Part No. - NJU9214FG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210CF NJRC-NJU9210CF Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210F NJRC-NJU9210F Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9212 NJRC-NJU9212 Datasheet
391Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
More results

Similar Description - NJU9214FG1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9207B NJRC-NJU9207B Datasheet
440Kb / 13P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI?
NJU9212 NJRC-NJU9212 Datasheet
391Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
NJU9207 NJRC-NJU9207 Datasheet
430Kb / 12P
   3.1/2 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
logo
List of Unclassifed Man...
DT9205A ETC1-DT9205A Datasheet
401Kb / 4P
   Digital Multimeter Digit height 33mm
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
   6쩍-Digit USB Digital Multimeter
logo
UMC Corporation
UM7108 UMC-UM7108 Datasheet
526Kb / 20P
   One Chip 3 1/2-Digit Digital Multimeter
logo
TEKTRONIX, INC.
2110 TEKTRONIX-2110 Datasheet
864Kb / 4P
   5쩍-Digit Dual-Display Digital Multimeter
logo
Intersil Corporation
ICL7139 INTERSIL-ICL7139 Datasheet
111Kb / 13P
   33/4 Digit, Autoranging Multimeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com