Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3421 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3421
Description  3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3421 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3421 Datasheet HTML 1Page - Microsemi Corporation 2N3421 Datasheet HTML 2Page - Microsemi Corporation 2N3421 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0983A.DOC 12-02-98
2N3421
SYMBOL
VCBO*
Collector-Base Voltage
125
Volts
VCEO*
Collector-Emitter Voltage
80
Volts
VEBO*
Emitter-Base Voltage
8
Volts
IC*
D.C. Collector Current
3
Amps
IC*
Peak Collector Current
5
Amps
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PT*
Power Dissipation
TC = 25°°C Ambient
TC = 100°°C Case
1.0
15
Watts
Watts
3 Amp, 125V,
NPN Silicon Power
Transistors
JAN, JTX, JTXV, JANS
FEATURES:
Meets MIL-S-19500/393
Collector-Base Voltage: up to 125
Peak Collector Current: 5A
High Power Dissipation in TO-5: 15W @ TC = 100°°C
Fast Switching
TO-5
APPLICATIONS:
Power Supply
Pulse Amplifier
High Frequency Power Switching
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE
DIFFUSED PLANAR process. This technology produces high
voltage devices with excellent switching speeds, frequency
response, gain linearity, saturation voltages, high current gain,
and safe operating areas. They are intended for use in
Commercial, Industrial, and Military power switching, amplifier,
and regulator applications.
Ultrasonically bonded leads and controlled die mount
techniques are utilized to further increase the SOA capability
and inherent reliability of these devices. The temperature
range to 200
°°C permits reliable operation in high ambients, and
the hermetically sealed package insures maximum reliability
and long life.
*
Indicates MIL-S-19500/393


Similar Part No. - 2N3421

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3421 CENTRAL-2N3421 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3421 SEME-LAB-2N3421 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package.
logo
New Jersey Semi-Conduct...
2N3421 NJSEMI-2N3421 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
logo
Central Semiconductor C...
2N3421 CENTRAL-2N3421 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
logo
M/A-COM Technology Solu...
2N3421 MA-COM-2N3421 Datasheet
484Kb / 4P
   NPN Medium Power Silicon Transistor
More results

Similar Description - 2N3421

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3419 MICROSEMI-2N3419 Datasheet
63Kb / 3P
   3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N3418 MICROSEMI-2N3418 Datasheet
63Kb / 3P
   3 Amp, 85V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N3420 MICROSEMI-2N3420 Datasheet
63Kb / 3P
   3 Amp, 85V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N2880 MICROSEMI-2N2880 Datasheet
85Kb / 3P
   5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS
2N2151 MICROSEMI-2N2151 Datasheet
69Kb / 3P
   5 Amp, 100V, Planar, NPN Power Transistors JAN, JANTX
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
logo
STMicroelectronics
MIL-PRF-19500 STMICROELECTRONICS-MIL-PRF-19500 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
New Jersey Semi-Conduct...
MJ431 NJSEMI-MJ431 Datasheet
83Kb / 2P
   10 Amp NPN Silicon Power Transistors 125W
logo
Micro Commercial Compon...
MJ413 MCC-MJ413 Datasheet
108Kb / 2P
   10 Amp NPN Silicon Power Transistors 125W
logo
New Jersey Semi-Conduct...
SDT7601 NJSEMI-SDT7601 Datasheet
81Kb / 1P
   10 AMP SILICON PLANAR NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com