Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3719 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3719
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3719 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3719 Datasheet HTML 1Page - Microsemi Corporation 2N3719 Datasheet HTML 2Page - Microsemi Corporation 2N3719 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1026.PDF 02-24-99
2N3719
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCEO*
Collector-Emitter Voltage
40
Vdc
VCB*
Collector-Base Voltage
40
Vdc
VEB*
Emitter-Base Voltage
4.0
Vdc
IC*
Peak Collector Current
10
Adc
IC*
Continuous Collector Current
3.0
Adc
IB*
Base Current
0.5
Adc
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PD*
Total Device Dissipation
TC = 25°°C
Derate above 25
°°C
6.0
34.3
Watts
mW/
°°C
PD*
θθ JC
Total Device Dissipation
TA = 25°°C
Derate above 25
°°C
Thermal Resistance
Junction to Case
Junction to Ambient
1.0
5.71
29
175
Watts
mW/
°°C
°°C/W
°°C/W
Silicon PNP
Power Transistors
FEATURES:
Collector-Emitter Sustaining Voltage:
VCEO(SUS) = 40 Vdc (Min) - 2N3719
DC Current Gain:
hFE = 25-180 @ IC = 1.0 Adc
Low Collector-Emitter Saturation Voltage:
VCE(sat) = 0.75 Vdc @ IC = 1.0 Adc
High Current-Gain - Bandwidth Product:
fT = 90 MHz (Typ)
TO-5
APPLICATIONS:
High-Speed Switching
Medium-Current Switching
High-Frequency Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE DIFFUSED
PLANAR process. This technology produces high voltage devices with
excellent switching speeds, frequency response, gain linearity, saturation
voltages, high current gain, and safe operating areas. They are intended for
use in Commercial, Industrial, and Military power switching, amplifier, and
regulator applications.
Ultrasonically bonded leads and controlled die mount techniques are utilized
to further increase the SOA capability and inherent reliability of these
devices. The temperature range to 200
°°C permits reliable operation in high
ambients, and the hermetically sealed package insures maximum reliability
and long life.
*
Indicates JEDEC registered Data.


Similar Part No. - 2N3719

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3719 CENTRAL-2N3719 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N3719 NJSEMI-2N3719 Datasheet
153Kb / 1P
   POWER TRANSISTORS PNP SILICON
More results

Similar Description - 2N3719

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com