Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF10N60F Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SSF10N60F
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF10N60F Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SSF10N60F_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSF10N60F
600V N-Channel MOSFET
www.goodark.com
Page 4 of 7
Rev.1.0
Typical Electrical and Thermal Characteristics
Figure 2.
Gate to source cut-off voltage
Figure 1: Typical Output Characteristics
Figure 3. Drain-to-Source Breakdown Voltage vs.
Temperature
Figure 4: Normalized On-Resistance Vs. Case
Temperature


Similar Part No. - SSF10N60F_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF10N60F SILIKRON-SSF10N60F Datasheet
533Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF10N60F GOOD-ARK-SSF10N60F Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF10N60F_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com