Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF10N60F Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF10N60F
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF10N60F Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF10N60F_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF10N60F_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF10N60F
600V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
10
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
6
IDM
Pulsed Drain Current
40
A
Power Dissipation
156
W
PD @TC = 25°C
Linear Derating Factor
1.2
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=14.2mH
700
mJ
IAS
Avalanche Current @ L=14.2mH
10
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
VDSS
600V
RDS(on)
0.8ohm(typ.)
ID
10A
TO220F
Marking and Pin
Assignment
Schematic Diagram
Advanced trench MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Lead free product
It utilizes the latest trench processing techniques to achieve the high cell density and reduces the
on-resistance with high repetitive avalanche rating. These features combine to make this design an extremely
efficient and reliable device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSF10N60F_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF10N60F SILIKRON-SSF10N60F Datasheet
533Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF10N60F GOOD-ARK-SSF10N60F Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF10N60F_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com