Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF8N80 Datasheet(PDF) 7 Page - GOOD-ARK Electronics

Part # SSF8N80
Description  800V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF8N80 Datasheet(HTML) 7 Page - GOOD-ARK Electronics

  SSF8N80_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF8N80_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SSF8N80
800V N-Channel MOSFET
www.goodark.com
Page 7 of 7
Rev.1.1
Ordering and Marking Information
Device Marking: SSF8N80
Package (Available)
TO-220
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ @ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


Similar Part No. - SSF8N80_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSF8N80A FAIRCHILD-SSF8N80A Datasheet
258Kb / 7P
   Advanced Power MOSFET
logo
Silikron Semiconductor ...
SSF8N80F SILIKRON-SSF8N80F Datasheet
531Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF8N80F GOOD-ARK-SSF8N80F Datasheet
1Mb / 7P
   800V N-Channel MOSFET
SSF8N80F GOOD-ARK-SSF8N80F_15 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF8N80ZF SILIKRON-SSF8N80ZF Datasheet
565Kb / 9P
   Advanced MOSFET process technology
More results

Similar Description - SSF8N80_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com