Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF7NS65UF Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF7NS65UF
Description  650V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7NS65UF Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF7NS65UF_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7NS65UF_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF7NS65UF
650V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
3.8
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
80
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
650
V
VGS = 0V, ID = 250μA
0.6
0.75
VGS=10V,ID = 1A
1.3
Ω
TJ = 125°C
0.64
0.9
VGS=10V,ID = 2.8A
RDS(on)
Static Drain-to-Source on-resistance
1.5
Ω
TJ = 125°C
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.2
V
TJ = 125°C
1
VDS =650V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
13
Qgs
Gate-to-Source charge
2.6
Qgd
Gate-to-Drain("Miller") charge
3.1
nC
ID = 5A,
VDS=200V,
VGS = 10V
td(on)
Turn-on delay time
12
tr
Rise time
7.5
td(off)
Turn-Off delay time
30
tf
Fall time
18
ns
VGS=10V, VDS =400V,
RGEN=10.2Ω,ID =1.5A
Ciss
Input capacitance
500
Coss
Output capacitance
24
Crss
Reverse transfer capacitance
3
pF
VGS = 0V
VDS = 100V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
7
A
ISM
Pulsed Source Current
(Body Diode)
28
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.8
1.2
V
IS=2.8A, VGS=0V
trr
Reverse Recovery Time
126
nS
Qrr
Reverse Recovery Charge
560
nC
TJ = 25°C, IF = 1.5A,
di/dt = 100A/μs


Similar Part No. - SSF7NS65UF_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7NS65UF SILIKRON-SSF7NS65UF Datasheet
454Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF7NS65UF GOOD-ARK-SSF7NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

Similar Description - SSF7NS65UF_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com