Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3741A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3741A
Description  Medium Power PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3741A Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3741A Datasheet HTML 1Page - Microsemi Corporation 2N3741A Datasheet HTML 2Page - Microsemi Corporation 2N3741A Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1042.PDF 03-12-99
2N3741A
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCEO*
Collector-Emitter Voltage
80
Vdc
VEB*
Emitter-Base Voltage
7.0
Vdc
VCB*
Collector-Base Voltage
80
Vdc
IC*
Peak Collector Current
10
Adc
IC*
Continuous Collector Current
4.0
Adc
IB*
Base Current
2.0
Adc
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PD*
θθ JC
Total Device Dissipation
TC = 25°°C
Derate above 25
°°C
Thermal Impedance
25
0.143
7
Watts
W/
°°C
°°C/W
Medium Power
PNP Transistors
TO-66
APPLICATIONS:
Drivers
Switches
Medium-Power Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE
DIFFUSED PLANAR process. This technology produces high
voltage devices with excellent switching speeds, frequency
response, gain linearity, saturation voltages, high current gain,
and safe operating areas. They are intended for use in
Commercial, Industrial, and Military power switching, amplifier,
and regulator applications.
Ultrasonically bonded leads and controlled die mount
techniques are utilized to further increase the SOA capability
and inherent reliability of these devices. The temperature
range to 200
°°C permits reliable operation in high ambients, and
the hermetically sealed package insures maximum reliability
and long life.
*
Indicates JEDEC registered data.
FEATURES:
Low Saturation Voltage: 0.6 VCE(sat) @ IC = 1.0 Amp
High Gain Characteristics:
hFE @ IC = 250 mA: 30-100
Excellent Safe Area Limits
Low Collector Cutoff Current:
100 nA (Max) 2N3741A


Similar Part No. - 2N3741A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3741A CENTRAL-2N3741A Datasheet
86Kb / 1P
   PNP SILICON POWER TRANSISTORS
2N3741A CENTRAL-2N3741A Datasheet
51Kb / 1P
   Power Transistors
logo
Seme LAB
2N3741A SEME-LAB-2N3741A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO66
logo
Central Semiconductor C...
2N3741A CENTRAL-2N3741A Datasheet
430Kb / 2P
   PNP SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3741A NJSEMI-2N3741A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
More results

Similar Description - 2N3741A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com