Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF4NS60D Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF4NS60D
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4NS60D Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF4NS60D_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF4NS60D_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF4NS60D
600V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
2.5
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
75
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
600
V
VGS = 0V, ID = 250μA
1.1
1.2
VGS=10V,ID = 2.8A
RDS(on)
Static Drain-to-Source on-resistance
2.8
Ω
TJ = 125°C
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.7
V
TJ = 125°C
1
VDS = 600V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
8.3
Qgs
Gate-to-Source charge
2.3
Qgd
Gate-to-Drain("Miller") charge
2.6
nC
ID = 4A,
VDS=100V,
VGS = 10V
td(on)
Turn-on delay time
9.8
tr
Rise time
17.6
td(off)
Turn-Off delay time
19.0
tf
Fall time
15.3
ns
VGS=10V, VDS =380V,
RGEN=18Ω,ID =4A
Ciss
Input capacitance
268
Coss
Output capacitance
222
Crss
Reverse transfer capacitance
4.62
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
4
A
ISM
Pulsed Source Current
(Body Diode)
12
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.88
1.2
V
IS=2.8A, VGS=0V
trr
Reverse Recovery Time
180
nS
Qrr
Reverse Recovery Charge
1304
nC
TJ = 25°C, IF = IS,
di/dt = 100A/μs


Similar Part No. - SSF4NS60D_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4NS60D SILIKRON-SSF4NS60D Datasheet
525Kb / 8P
   Main Product Characteristics
logo
GOOD-ARK Electronics
SSF4NS60D GOOD-ARK-SSF4NS60D Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF4NS60D_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com