Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44916 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44916
Description  SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44916 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44916 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44916 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44916 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at +25 °C, sea level
SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Full Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing PE44916
URL: http://www.pasternack.com/smp-male-standard-shroud-pe44916-p.aspx
SMP Male Full Detent Shroud 2 Hole Flange
Mount 0.481 Inch Hole Spacing
PE44916
PE44916 REV 1.0


Similar Part No. - PE44916

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4491 PASTERNACK-PE4491 Datasheet
222Kb / 3P
   N Male Connector Solder Attachment 4 Hole Flange Pin Terminal, .718 inch Hole Spacing, .120 inch Diameter
PE4491 PASTERNACK-PE4491 Datasheet
327Kb / 3P
   N Male Connector Solder Attachment
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44911 PASTERNACK-PE44911 Datasheet
380Kb / 3P
   SMP Female Right Angle Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44912 PASTERNACK-PE44912 Datasheet
374Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length
More results

Similar Description - PE44916

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44949 PASTERNACK-PE44949 Datasheet
370Kb / 3P
   SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.481 Inch Hole Spacing
PE44907 PASTERNACK-PE44907 Datasheet
371Kb / 3P
   SMP Male Full Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
PE44935 PASTERNACK-PE44935 Datasheet
372Kb / 3P
   SMP Male Full Detent Shroud 2 Hole Flange Mount 0.354 Inch Hole Spacing
PE44950 PASTERNACK-PE44950 Datasheet
365Kb / 3P
   SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.328 Inch Hole Spacing
PE44951 PASTERNACK-PE44951 Datasheet
371Kb / 3P
   SMP Male Limited Detent Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
logo
List of Unclassifed Man...
P672 ETC2-P672 Datasheet
101Kb / 1P
   SMP MALE LIMITED DETENT SHROUD 2 HOLE FLANGE PANEL MOUNT
logo
Pasternack Enterprises,...
PE44948 PASTERNACK-PE44948 Datasheet
365Kb / 3P
   SMP Male Smooth Bore Shroud 2 Hole Flange Mount 0.282 Inch Hole Spacing
logo
List of Unclassifed Man...
P670 ETC2-P670 Datasheet
128Kb / 1P
   SMP FULL EDTDNT STRAIGHT 2 HOLE FLANGE MOUNT SHROUD
logo
Pasternack Enterprises,...
PE44906 PASTERNACK-PE44906 Datasheet
366Kb / 2P
   SMP Male Full Detent Shroud Thread-In Mount
logo
List of Unclassifed Man...
P769 ETC2-P769 Datasheet
63Kb / 1P
   SMP FULL DETENT PRESS IN SHROUD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com