Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7372 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N7372
Description  Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N7372 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N7372 Datasheet HTML 1Page - Microsemi Corporation 2N7372 Datasheet HTML 2Page - Microsemi Corporation 2N7372 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1343.PDF 010-29-99
2N7372 - PNP
2N7373 - NPN
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
2N7372
2N7373
UNITS
VCBO
Collector-Base Voltage
- 100
100
V
VCEO
Collector-Emitter Voltage
- 80
80
V
VEBO
Emitter-Base Voltage
- 5.5
5.5
V
IC
Continuous Collector Current
5
5
A
IC
Peak Collector Current
10
10
A
IB
Continuous Base Current
2
2
A
TSTG
Storage Temperature
-65 to 200
°°C
TJ
Operating Junction Temperature
-65 to 200
°°C
Lead Temperature 1/16" from cast for 10 sec.
300
°°C
Unclamped Inductive Load Energy
15
mj
PT
Continuous Device
Dissipation TC = 25°°C
58
58
W
TC = 100°°C
33
33
W
θθJC
Thermal Resistance Junction to Case
3
3
°°C/W
Complimentary
Power Transistors
in Hermetic Isolated
TO-254AA Packages
JAN/TX/TXV/JANS
FEATURES:
FEATURES:
Planar Process for Reliability
Fast Switching
High-Frequency Power Transistors
For Complementary Use with Each Other
15 mj Reverse Energy Rating with IC = 10MA and 4 V Reverse Bias
Similar to 2N5004 and 2N5005 but JEDEC TO-254AA Package
Leads can be Formed
All Terminals Isolated from the Case
TO-254AA
APPLICATIONS:
APPLICATIONS:
Power Supply
Inverters and Converters
General Purpose Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's MULTIPLE DIFFUSED
PLANAR process. This technology produces high voltage devices with
excellent switching speeds, frequency response, gain linearity, saturation
voltages, high current gain, and safe operating areas. These devices have
excellent unclamped and clamped reverse energy ratings with the base to
emitter reversed biased.
Ultrasonically bonded wire leads and gold eutectic die bonding are utilized to
permit operating temperature to 200
°°C. The hermetically sealed package
insures maximum reliability and long life. The isolated low profile package
allows for easy PC board fit.


Similar Part No. - 2N7372

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372 Datasheet
102Kb / 2P
   PNP POWER SILICON SWITCHING TRANSISTOR
2N7372 MICROSEMI-2N7372_1 Datasheet
102Kb / 2P
   PNP POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N7372

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
International Rectifier
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
OM55N10SC IRF-OM55N10SC_15 Datasheet
81Kb / 8P
   Isolated Hermetic Metal Packages
logo
List of Unclassifed Man...
OM11N60SA ETC2-OM11N60SA Datasheet
33Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
logo
International Rectifier
OM11N60SA IRF-OM11N60SA Datasheet
35Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
logo
List of Unclassifed Man...
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6517SA ETC2-OM6517SA Datasheet
27Kb / 2P
   INSULATED GATE BIPOLAR TRANSISTOR (IGBT) IN A HERMETIC TO-254AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com