Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2324S Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2324S
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2324S Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2324S Datasheet HTML 1Page - Microsemi Corporation 2N2324S Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
SILICON CONTROLLED RECTIFIER
Qualified per MIL-PRF-19500/276
Devices
Qualified
Level
2N2323
2N2323S
2N2323A
2N2323AS
2N2324
2N2324S
2N2324A
2N2324AS
2N2326
2N2326S
2N2326A
2N2326AS
2N2328
2N2328S
2N2328A
2N2328AS
2N2329
2N2329S
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Sym
2N2323,S/
2N2323A,S
2N2324,S/
2N2324A,S
2N2326,S/
2N2326A,S
2N2328,S/
2N2328A,S
2N2329,S Unit
Reverse Voltage
VRM
50
100
200
300
400
Vdc
Working Peak Reverse Voltage VRM
75
150
300
400
500
Vpk
Forward Blocking Voltage
VFBXM
50
(3/4)
100
(3/4)
200
(3/4)
300
(3/4)
400
(3)
Vpk
Average Forward Current
(1)
IO
0.22
Adc
Forward Current Surge Peak
(2)
IFSM
15
Adc
Cathode-Gate Current
VKGM
6
Vpk
Operating Temperature
Top
-65 to +125
0C
Storage Junction Temp
Tstg
-65 to +150
0C
1)
This average forward current is for an ambient temperature of 80
0C and 180 electrical degrees of
conduction.
2)
Surge current is non-recurrent. The rate of rise of peak surge current shall not exceed 40 A during
the first 5
µs after switching from the ‘off’ (blocking) to the ‘on’ (conducting) state. This is measured
from the point where the thyristor voltage has decayed to 90% of its initial blocking value.
3)
Gate connected to cathode through 1,000 ohm resistor.
4)
Gate connected to cathode through 2,000 ohm resistor.
TO-5
*See appendix A
for package outline
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Min.
Max.
Unit
SUBGROUP 2 TESTING
Reverse Blocking Current
R2 = 1 k
µ
2N2323 thru 2N2329
2N2323S thru 2N2329S
R2 = 2 k
µ
2N2323A thru 2N2328A
2N2323AS thru 2N2328AS
VR = 50 Vdc
2N2323, S, A, AS
VR = 100 Vdc
2N2324, S, A, AS
VR = 200 Vdc
2N2326, S, A, AS
VR = 300 Vdc
2N2328, S, A, AS
VR = 400 Vdc
2N2329, S,
IRBX1
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N2324S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N2324 CENTRAL-2N2324 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER 1.6 AMPS, 25 THRU 400 VOLTS
logo
New Jersey Semi-Conduct...
2N2324 NJSEMI-2N2324 Datasheet
85Kb / 1P
   SCR, V(DRM) = 100 V TO 199.9 V
logo
Comset Semiconductor
2N2324 COMSET-2N2324 Datasheet
80Kb / 3P
   SILICON THYRISTORS
logo
Digitron Semiconductors
2N2324 DIGITRON-2N2324 Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Central Semiconductor C...
2N2324 CENTRAL-2N2324 Datasheet
138Kb / 2P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N2324S

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com