Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3H63143G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3H63143G
Description  Programmable Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H63143G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3H63143G Datasheet HTML 3Page - ON Semiconductor NB3H63143G Datasheet HTML 4Page - ON Semiconductor NB3H63143G Datasheet HTML 5Page - ON Semiconductor NB3H63143G Datasheet HTML 6Page - ON Semiconductor NB3H63143G Datasheet HTML 7Page - ON Semiconductor NB3H63143G Datasheet HTML 8Page - ON Semiconductor NB3H63143G Datasheet HTML 9Page - ON Semiconductor NB3H63143G Datasheet HTML 10Page - ON Semiconductor NB3H63143G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NB3H63143G
www.onsemi.com
7
Output Enable/Disable
Output Enable pins (OE[2:0]) are LVCMOS/LVTTL
input pins that individually enable or disable the outputs
CLK[2:0] respectively. These inputs only disable the output
buffers thus not affecting the rest of the blocks on the device.
When using a differential output, only the OE1 pin must be
used to enable/disable the differential output (the OE0 pin
will be ignored). The hardware OE pins have an effect only
when the respective outputs are enabled in the configuration
space. The output disable state can be set to high impedance
(Hi−Z) or Low.
Power Down
Power saving mode can be activated though the power
down PD# input pin. This input is an LVCMOS/LVTTL
active Low Master Reset that disables the device and sets the
outputs Low. By default it has an internal pull−down resistor.
The device functions are disabled by default and when the
PD# pin is pulled high the device functions are activated.
Default Device State
The
NB3H63143G
parts
shipped
from
ON Semiconductor are blank, with no inputs/outputs
programmed. The parts need to be programmed by the field
sales or by a distributor or by the users themselves before
they
can
be
used.
Programmable
clock
software
downloadable from the ON Semiconductor website can be
used along with the programming kit to achieve this
purpose. For mass production, parts can be factory
programmed with a customer qualified configuration and
sourced from ON Semiconductor as a dash part number (Eg.
NB3H63143G−01).
Table 7. ATTRIBUTES
Characteristic
Value
ESD Protection − Human Body Model
2 kV
Internal Input Default State Pull Up/Down Resistor
50 k
W
Moisture Sensitivity, Indefinite Time Out of Dry Pack
(Note 1)
MSL1
Flammability Rating − Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125in
Transistor Count
130k
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
ABSOLUTE MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Rating
Unit
VDD
Positive Power Supply with Respect to Ground
−0.5 to +4.6
V
VI
Input Voltage with Respect to Chip Ground
−0.5 to VDD + 0.5
V
TA
Operating Ambient Temperature Range (Industrial Grade)
−40 to +85
°C
TSTG
Storage Temperature
−65 to +150
°C
TSOL
Max. Soldering Temperature (10 sec)
265
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
32.3
24.22
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
3.6
°C/W
TJ
Junction Temperature
125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and not valid simultaneously.
If stress limits are exceeded device functional operation is not implied, damage may occur and reliability may be affected.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power). JESD51.7 type board. Back side Copper heat spreader area 100 sqmm, 2 oz
(0.070mm) copper thichness.


Similar Part No. - NB3H63143G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H63143G00MNR2G ONSEMI-NB3H63143G00MNR2G Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3H63143GxxMNR2G ONSEMI-NB3H63143GxxMNR2G Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
More results

Similar Description - NB3H63143G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com