Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N108KMNG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N108KMNG
Description  3.3V Differential 1:8 Fanout Clock Data Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N108KMNG Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N108KMNG Datasheet HTML 1Page - ON Semiconductor NB3N108KMNG Datasheet HTML 2Page - ON Semiconductor NB3N108KMNG Datasheet HTML 3Page - ON Semiconductor NB3N108KMNG Datasheet HTML 4Page - ON Semiconductor NB3N108KMNG Datasheet HTML 5Page - ON Semiconductor NB3N108KMNG Datasheet HTML 6Page - ON Semiconductor NB3N108KMNG Datasheet HTML 7Page - ON Semiconductor NB3N108KMNG Datasheet HTML 8Page - ON Semiconductor NB3N108KMNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NB3N108K
http://onsemi.com
4
Table 4. DC CHARACTERISTICS (VCC = 3.0 V to 3.6 V, TA = −40°C to +85°C Note 4)
Symbol
Characteristic
Min
Typ
Max
Unit
IGND
GND Supply Current (All Outputs Loaded)
60
90
mA
ICC
Power Supply Current (All Outputs Loaded)
190
230
mA
IIH
Input HIGH Current
2.0
150
mA
IIL
Input LOW Current
−150
−2.0
mA
RTIN
Internal Input Termination Resistor
45
50
55
W
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED
Vth
Input Threshold Reference Voltage Range (Note 5)
350
VCC − 1000
mV
VIH
Single*Ended Input HIGH Voltage
Vth + 150
VCC
mV
VIL
Single*Ended Input LOW Voltage
GND
Vth − 150
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 7, 8 and 9)
VIHD
Differential Input HIGH Voltage
425
VCC − 850
mV
VILD
Differential Input LOW Voltage
GND
VCC − 1000
mV
VID
Differential Input Voltage (VIHD * VILD)
150
VCC − 850
mV
VCMR
Input Common Mode Range
350
VCC − 1000
mV
HCSL OUTPUTS (Figure 4)
VOH
Output HIGH Voltage
600
740
900
mV
VOL
Output LOW Voltage
−150
0
150
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measurements taken with with outputs loaded 50 W to GND, see Figure 6. Connect a 475 W resistor from IREF (Pin 1) to GND per Figure 6.
5. Vth is applied to the complementary input when operating in single ended mode per Figure 4.


Similar Part No. - NB3N108KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNG ONSEMI-NB3N106KMNG Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNR2G ONSEMI-NB3N106KMNR2G Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
More results

Similar Description - NB3N108KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A Datasheet
675Kb / 8P
   3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com