Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3N853501EDTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N853501EDTG
Description  Differential Clock Fanout Buffer Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N853501EDTG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N853501EDTG Datasheet HTML 1Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 2Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 3Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 4Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 5Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 6Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 7Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 8Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NB3N853501E
http://onsemi.com
2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
Q0
VCC
Q1
Q1
Q2
Q2
VCC
Q3
Q3
VEE
CLK_EN
CLK_SEL
nc
CLK1
nc
nc
nc
VCC
CLK0
Figure 2. Pinout Diagram (Top View)
Table 1. PIN DESCRIPTION
Number
Name
I/O
Open
Default
Description
1
VEE
Negative (Ground) Power Supply pin must be externally connected to
power supply to guarantee proper operation.
2
CLK_EN
LVCMOS /
LVTTL
Pullup
Synchronized Clock Enable when HIGH. When LOW, outputs are
disabled (Qx HIGH, Qx LOW)
3
CLK_SEL
LVCMOS /
LVTTL
Pulldown
Clock Input Select (HIGH selects CLK1, LOW selects CLK0 input)
4
CLK0
LVCMOS /
LVTTL
Pulldown
Clock 0 Input. Float open when unused.
5, 6, 8, 9
nc
No Connect
6
CLK1
LVCMOS /
LVTTL
Pulldown
Clock 1 Input. Float open when unused.
10, 13, 18
VCC
Positive Power Supply pins must be externally connected to power
supply to guarantee proper operation.
11, 14, 16,
19
Q[3:0]
LVPECL
Invert Differential Outputs
12, 15, 16,
20
Q[3:0]
LVPECL
True Differential Outputs
Table 2. FUNCTIONS
Inputs
Outputs
CLK_EN
CLK_SEL
Input Function
Output Function
Qx
Qx
0
0
CLK0 input selected
Disabled
LOW
HIGH
0
1
CLK1 Input Selected
Disabled
LOW
HIGH
1
0
CLK0 input selected
Enabled
CLK0
Invert of
CLK1
1
1
CLK1 Input Selected
Enabled
CLK1
Invert of
CLK1
1. After CLK_EN switches, the clock outputs are disabled or enabled following a rising and falling input clock edge as show in Figure 3.


Similar Part No. - NB3N853501EDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N853531E ONSEMI-NB3N853531E Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
NB3N853531EDTG ONSEMI-NB3N853531EDTG Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
NB3N853531EDTR2G ONSEMI-NB3N853531EDTR2G Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
More results

Similar Description - NB3N853501EDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com