Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3U1548CDTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3U1548CDTR2G
Description  Skew Over Voltage Tolerant Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3U1548CDTR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3U1548CDTR2G Datasheet HTML 3Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 4Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 5Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 6Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 7Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 8Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 9Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 10Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NB3U1548C
www.onsemi.com
7
Parameter Measurement Information
Z = 50
W
SCOPE
50
W
Qx
VDD
GND
LVCMOS
1.65 V
± 5%
−1.65 V
± 5%
Z = 50
W
SCOPE
50
W
Qx
VDD
GND
LVCMOS
1.25 V
± 5%
−1.25 V
± 5%
Figure 3. 3.3 V Output Load AC Test Circuit
Figure 4. 2.5 V Output Load AC Test Circuit
Z = 50
W
SCOPE
50
W
Qx
VDD
GND
LVCMOS
0.9 V
± 0.075 V
Z = 50
W
SCOPE
50
W
Qx
VDD
GND
LVCMOS
0.75 V
± 0.05 V
−0.75 V
± 0.05 V
Figure 5. 1.8 V Output Load AC Test Circuit
Figure 6. 1.5 V Output Load AC Test Circuit
−0.9 V
± 0.075 V
Figure 7. Output Skew
Figure 8. Part−to−Part Skew
V
DD
2
V
DD
2
tsk(o)
Qy
Qx
V
DD
2
V
DD
2
tsk(pp)
Qy
Qx
Part 1
Part 2


Similar Part No. - NB3U1548CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548CDTR2G ONSEMI-NB3U1548CDTR2G Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
More results

Similar Description - NB3U1548CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548C ONSEMI-NB3U1548C_17 Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
logo
Integrated Device Techn...
830154I-08 IDT-830154I-08 Datasheet
291Kb / 17P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com