Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3U1548CDTR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB3U1548CDTR2G
Description  Skew Over Voltage Tolerant Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3U1548CDTR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB3U1548CDTR2G Datasheet HTML 3Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 4Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 5Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 6Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 7Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 8Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 9Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 10Page - ON Semiconductor NB3U1548CDTR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NB3U1548C
www.onsemi.com
11
PACKAGE DIMENSIONS
TSSOP−8
CASE 948S
ISSUE C
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
4.30
4.50
0.169
0.177
C
---
1.10
---
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.70
0.020
0.028
G
0.65 BSC
0.026 BSC
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE -W-.
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
L
2X
L/2
−U−
S
U
0.20 (0.008) T
S
U
M
0.10 (0.004)
V S
T
0.076 (0.003)
−T−
−V−
−W−
8x
REF
K
IDENT
K
0.19
0.30
0.007
0.012
S
U
0.20 (0.008) T
DETAIL E
F
M
0.25 (0.010)
K1
K
JJ1
SECTION N−N
J
0.09
0.20
0.004
0.008
K1
0.19
0.25
0.007
0.010
J1
0.09
0.16
0.004
0.006
N
N
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
NB3U1548C/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB3U1548CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548CDTR2G ONSEMI-NB3U1548CDTR2G Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
More results

Similar Description - NB3U1548CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3U1548C ONSEMI-NB3U1548C_17 Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
logo
Integrated Device Techn...
830154I-08 IDT-830154I-08 Datasheet
291Kb / 17P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com