Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3W1900LMNG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3W1900LMNG
Description  3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W1900LMNG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3W1900LMNG Datasheet HTML 2Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 3Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 4Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 5Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 6Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 7Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 8Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 9Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NB3W1900L
http://onsemi.com
6
Table 8. ABSOLUTE MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD / VDDA /
VDDR
3
.3 V Core Supply Voltage (Note 3)
4.6
V
VDD / VDDIO
3
.3 V Logic and Output Supply Voltage
(Note 3)
4.6
V
VIH
Input High Voltage
Except for SMBus Interface
VDD +
0.5
V
VIH
VIHSMB
SMBus Clock and Data Pins
5.5
V
VIL
Input Low Voltage
GND −
0.5
V
Ts
Storage Temperature
−65
150
°C
TJ
Junction Temperature
125
°C
ESD prot
.
ESD Protection (Human Body)
Human Body Model
2000
V
qJA
Thermal Resistance Junction−to−Ambient
Still air
18.1
°C/W
qJC
Thermal Resistance Junction−to−Case
5.0
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. Guaranteed by design and characterization, not tested in production.
3. Operation under these conditions is neither implied nor guaranteed
.
Table 9. ELECTRICAL CHARACTERISTICS − CLOCK INPUT PARAMETERS
(TA =0°C − 70°C; Supply Voltage VDD/VDDA = 3.3 V ±5%, VDDIO = 1.05 to 3.3 V ±5%. See Test Loads for Loading Conditions) (Note 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIHDIF
Input High Voltage − CLK_IN
Differential Inputs
(single-ended measurement)
600
1150
mV
VILDIF
Input Low Voltage − CLK_IN
Differential Inputs
(single-ended measurement)
VSS − 300
300
mV
VCOM
Input Common Mode
Voltage − CLK_IN (not spec’d)
Common Mode Input Voltage
300
1000
mV
VSWING
Input Amplitude − CLK_IN not spec’d
Peak to Peak Value
300
1450
mV
dv/dt
Input Slew Rate − CLK_IN (Note 5)
Measured Differentially
0.4
8
V/ns
IIN
Input Leakage Current
VIN = VDD, VIN = GND
−5
5
mA
dtin
Input Duty Cycle
Measurement from Differential
Waveform
45
55
%
JDIFIn
Input Jitter − Cycle to Cycle
Differential Measurement
0
125
ps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Guaranteed by design and characterization, not tested in production.
5. Slew rate measured through
±75 mV window centered around differential zero
Table 10. ELECTRICAL CHARACTERISTICS−INPUT/SUPPLY/COMMON OUTPUT PARAMETERS
(TA =0°C − 70°C; Supply Voltage VDD/VDDA = 3.3 V ±5%, VDDIO = 1.05 V to 3.3 V ±5%. See Test Loads for Loading Conditions) (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
Input High Voltage
Single-ended inputs, except SMBus, low
threshold and tri-level inputs
2
VDD + 0.3
V
VIL
Input Low Voltage
Single-ended inputs, except SMBus, low
threshold and tri−level inputs
GND − 0.3
0.8
V
IIN
Input Current
Single-ended inputs, VIN = GND,
VIN = VDD
−5
5
mA
VIH_FS
Input High Voltage
(Note 7)
0.7
VDD + 0.3
V
VIL_FS
Input Low Voltage
(Note 7)
GND − 0.3
0.35
V


Similar Part No. - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
More results

Similar Description - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K_17 Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com