Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP436FCT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP436FCT2G
Description  3A Ultra-Small Controlled Load Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP436FCT2G Datasheet(HTML) 6 Page - ON Semiconductor

  NCP436FCT2G Datasheet HTML 1Page - ON Semiconductor NCP436FCT2G Datasheet HTML 2Page - ON Semiconductor NCP436FCT2G Datasheet HTML 3Page - ON Semiconductor NCP436FCT2G Datasheet HTML 4Page - ON Semiconductor NCP436FCT2G Datasheet HTML 5Page - ON Semiconductor NCP436FCT2G Datasheet HTML 6Page - ON Semiconductor NCP436FCT2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NCP436, NCP437
http://onsemi.com
6
APPLICATION INFORMATION
Power Dissipation
Main contributor in term of junction temperature is the
power dissipation of the power MOSFET. Assuming this,
the power dissipation and the junction temperature in
normal mode can be calculated with the following
equations:
P
D + RDS(on)
I
OUT
2
PD
= Power dissipation (W)
RDS(on)
= Power MOSFET on resistance (
W)
IOUT
= Output current (A)
T
J + RD
RqJA ) TA
TJ
= Junction temperature (
°C)
RqJA
= Package thermal resistance (
°C/W)
TA
= Ambient temperature (
°C)
PCB Recommendations
The NCP437 integrates an up to 3 A rated PMOS FET, and
the PCB design rules must be respected to properly evacuate
the heat out of the silicon. By increasing PCB area,
especially around IN and OUT pins, the RqJA of the package
can be decreased, allowing higher power dissipation.
Routing example: 2 oz, 4 layers with vias across two
internal inners.
Figure 4.
Example of application definition.
T
J * TA + R
qJA
P
D + R
qJA
R
DS(on)
I2
TJ: Junction Temperature.
TA: Ambient Temperature.
Rq = Thermal resistance between IC and air, through PCB.
RDS(on): Intrinsic resistance of the IC MOSFET.
I: Load DC current.
Taking into account of Rq obtain with:
1 oz, 2 layers: 100°C/W.
At 3 A, 25
°C ambient temperature, RDS(on 20 mW @ VIN
5 V, the junction temperature will be:
T
J + R
qJA
P
D + 25 ) 0.02
32
100
+ 43° C
Taking into account of Rq obtain with:
2 oz, 4 layers: 60°C/W.
At 3 A, 65
°C ambient temperature, RDS(on) 24 mW @ VIN
5 V, the junction temperature will be:
T
J + TA ) R
q
P
D + 65 ) 0.024
32
60
+ 78° C
ORDERING INFORMATION
Device
Marking
Option
Package
Shipping
NCP437FCT2G
AR
Auto discharge
WLCSP 1 x 1.5 mm
(Pb−Free)
3000 / Tape & Reel
NCP436FCT2G
AQ
Without Auto discharge
WLCSP 1 x 1.5 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP436FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
NCP4300A ONSEMI-NCP4300A Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300A ONSEMI-NCP4300A Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
NCP4300AD ONSEMI-NCP4300AD Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
NCP4300ADG ONSEMI-NCP4300ADG Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
More results

Similar Description - NCP436FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
   3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
   3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com