Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5220A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5220A
Description  3?뭝n?? PWM Dual Buck and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5220A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5220A Datasheet HTML 2Page - ON Semiconductor NCP5220A Datasheet HTML 3Page - ON Semiconductor NCP5220A Datasheet HTML 4Page - ON Semiconductor NCP5220A Datasheet HTML 5Page - ON Semiconductor NCP5220A Datasheet HTML 6Page - ON Semiconductor NCP5220A Datasheet HTML 7Page - ON Semiconductor NCP5220A Datasheet HTML 8Page - ON Semiconductor NCP5220A Datasheet HTML 9Page - ON Semiconductor NCP5220A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCP5220A
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (5VDUAL = 5.0 V, BOOT = 12 V, TA = 0°C to 70°C, L = 1.7 mH, COUT1 = 3770 mF,
COUT2 = 470
mF, COUT3 = NA, CSS = 33 nF, R1 = 2.166 kW, R2 = 2.0 kW, RZ1 = 20 kW, RZ2 = 8.0 W, CP1 = 10 nF,
CZ1 = 6.8 nF, CZ2 = 100 nF, RM1 = 2.166 k
W, RM2 = 2.0 kW, RZM1 = 20 kW, RZM2 = 8.0 W, CPM1 = 10 nF, CZM1 = 6.8 nF,
CZM2 = 100 nf for min/max values unless otherwise noted). Duplicate component values of MCH regulator from DDQ.
Characteristic
Unit
Max
Typ
Min
Test Conditions
Symbol
VTT ACTIVE TERMINATION REGULATOR
VTT Tracking DDQ_REF/2 at S0 Mode
DVTTS0
IOUT= 0 to 2.0 A (Sink Current)
IOUT= 0 to –2.0 A (Source Current)
−30
30
mV
VTT Source Current Limit
ILIMVTsrc
The current limit is valid only after
finishing soft−start
2.0
A
VTT Sink Current Limit
ILIMVTsnk
2.0
A
CONTROL SECTION
SLP_S5, SLP_S3 Input Logic HIGH
Logic_H
2.0
V
SLP_S5, SLP_S3 Input Logic LOW
Logic_L
0.8
V
SLP_S5, SLP_S3 Input Current
Ilogic
1.0
mA
GATE DRIVERS
TGDDQ Gate Pull−HIGH Resistance
RH_TG
VCC = 12 V, V(TGDDQ) = 11.9 V
3.0
W
TGDDQ Gate Pull−LOW Resistance
RL_TG
VCC = 12 V, V(TGDDQ) = 0.1 V
2.5
W
BGDDQ Gate Pull−HIGH Resistance
RH_BG
VCC = 12 V, V(BGDDQ) = 11.9 V
3.0
W
BGDDQ Gate Pull−LOW Resistance
RL_BG
VCC = 12 V, V(BGDDQ) = 0.1 V
1.3
W
TG1P5 Gate Pull−HIGH Resistance
RH_TPG
VCC = 12 V, V(TG1P5) = 11.9 V
3.0
W
TG1P5 Gate Pull−LOW Resistance
RL_TPG
VCC = 12 V, V(TG1P5) = 0.1 V
2.5
W
BG1P5 Gate Pull−HIGH Resistance
RH_BPG
VCC = 12 V, V(BG1P5) = 11.9 V
3.0
W
BG1P5 Gate Pull−LOW Resistance
RL_BPG
VCC = 12 V, V(BG1P5) = 0.1 V
1.3
W
MCH SWITCHING REGULATOR
VFB1P5 Feedback Voltage, Control Loo
in Regulation
VFB1P5
TA = 0°C to 70°C
0.784
0.8
0.816
V
Feedback Input Current
I1P5FB
1.0
mA
Oscillator Frequency
F1P5
217
250
283
KHz
Oscillator Ramp Amplitude
dV1P5OSC
(Note 4)
1.3
Vp−p
Minimum Duty Cycle
Dmin_1P5
0
%
Maximum Duty Cycle
Dmax_1P5
100
%
Soft−Start Pin Current for V1P5 Regulator
ISS2
(Note 4)
3.0
4.0
mA
4. Guaranteed by design, not tested in production.


Similar Part No. - NCP5220A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2 ONSEMI-NCP5220MNR2 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2G ONSEMI-NCP5220MNR2G Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
More results

Similar Description - NCP5220A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com