Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5220A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5220A
Description  3?뭝n?? PWM Dual Buck and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5220A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5220A Datasheet HTML 5Page - ON Semiconductor NCP5220A Datasheet HTML 6Page - ON Semiconductor NCP5220A Datasheet HTML 7Page - ON Semiconductor NCP5220A Datasheet HTML 8Page - ON Semiconductor NCP5220A Datasheet HTML 9Page - ON Semiconductor NCP5220A Datasheet HTML 10Page - ON Semiconductor NCP5220A Datasheet HTML 11Page - ON Semiconductor NCP5220A Datasheet HTML 12Page - ON Semiconductor NCP5220A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP5220A
http://onsemi.com
9
TYPICAL OPERATING WAVEFORMS
Channel 1: Current sunk into of VTT, 2.0 A/div
Channel 2: VDDQ output voltage, AC−coupled, 100 mV/div
Channel 3: VTT output voltage, AC−coupled, 20 mV/div
Channel 4: V1P5 output voltage, AC−coupled, 100 mV/div
Time base: 200
ms/div
Channel 1: Current sourced into of V1P5, 10 A/div
Channel 2: VDDQ output voltage, AC−coupled, 100 mV/div
Channel 3: VTT output voltage, AC−coupled, 50 mV/div
Channel 4: V1P5 output voltage, AC−coupled, 100 mV/div
Time base: 1.0 ms/div
Channel 1: Current sourced into of VDDQ, 10 A/div
Channel 2: VDDQ output voltage, AC−coupled, 100 mV/div
Channel 3: VTT output voltage, AC−coupled, 50 mV/div
Channel 4: V1P5 output voltage, AC−coupled, 100 mV/div
Time base: 1.0 ms/div
Channel 1: Current sourced into of VDDQ, 2.0 A/div
Channel 2: VDDQ output voltage, AC−coupled, 50 mV/div
Time base: 200
ms/div
Figure 13. VTT Sink Current Transient, 0A−2A−0A
Figure 14. V1P5 Source Current Transient,
0A−12A−0A
Figure 15. VDDQ Source Current Transient,
0A−20A−0A
Figure 16. S3 Mode without 12VATX, 0A−2A−0A


Similar Part No. - NCP5220A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2 ONSEMI-NCP5220MNR2 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2G ONSEMI-NCP5220MNR2G Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
More results

Similar Description - NCP5220A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com