Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVD5830NL Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVD5830NL
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5830NL Datasheet(HTML) 5 Page - ON Semiconductor

  NVD5830NL Datasheet HTML 1Page - ON Semiconductor NVD5830NL Datasheet HTML 2Page - ON Semiconductor NVD5830NL Datasheet HTML 3Page - ON Semiconductor NVD5830NL Datasheet HTML 4Page - ON Semiconductor NVD5830NL Datasheet HTML 5Page - ON Semiconductor NVD5830NL Datasheet HTML 6Page - ON Semiconductor NVD5830NL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NVD5890NL
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
Coss
Ciss
7000
10
40
30
20
VGS = 0 V
TJ = 25°C
6000
5000
4000
3000
2000
1000
0
Crss
Figure 8. Gate−To−Source Voltage vs.
Total Charge
QG, TOTAL GATE CHARGE (nC)
VDS = 15 V
ID = 50 A
TJ = 25°C
Qgd
Qgs
QT
0
10
10
90
80
70
0
8
6
4
2
0
20
30
40
50
60
10
100
1000
1
10
100
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
tr
td(off)
td(on)
tf
VDD = 20 V
ID = 50 A
VGS = 10 V
0
25
50
75
100
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95 1.00
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage vs. Current
VGS = 0 V
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS ≤ 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
10
100
10
100
1000
1
0.1
1


Similar Part No. - NVD5830NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD5802N ONSEMI-NVD5802N Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVD5802NT4G ONSEMI-NVD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVD5802NT4G ONSEMI-NVD5802NT4G Datasheet
107Kb / 7P
   Power MOSFET
August, 2014 ??Rev. 7
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NVD5803N ONSEMI-NVD5803N Datasheet
77Kb / 6P
   Power MOSFET
August, 2016 ??Rev. 2
More results

Similar Description - NVD5830NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com