Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2897A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2897A
Description  Advanced Current-Mode Active-Clamp PWM Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2897A Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2897A Datasheet HTML 7Page - Texas Instruments UCC2897A Datasheet HTML 8Page - Texas Instruments UCC2897A Datasheet HTML 9Page - Texas Instruments UCC2897A Datasheet HTML 10Page - Texas Instruments UCC2897A Datasheet HTML 11Page - Texas Instruments UCC2897A Datasheet HTML 12Page - Texas Instruments UCC2897A Datasheet HTML 13Page - Texas Instruments UCC2897A Datasheet HTML 14Page - Texas Instruments UCC2897A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
4.7
4.8
4.9
5.1
5.2
5.3
5.0
--50
--25
0
25
50
75
100
125
TJ -- Junction Temperature -- °C
No Load
10 mA Load
--50
0
--25
0
25
50
75
100
125
50
100
150
250
200
TJ -- Junction Temperature -- °C
OUT to AUX
AUX to OUT
RDEL = 10 kΩ
--50
0
--25
0
25
50
75
100
125
100
300
500
700
200
800
400
600
TJ -- Junction Temperature -- °C
OUT to AUX
AUX to OUT
RDEL = 50 kΩ
TJ -- Junction Temperature -- °C
--50
5
0
--25
10
15
25
0
25
50
75
100
125
20
Rise Time
Fall Time
CLOAD = 2 nF
RDEL -- Delay Resistance -- kΩ
0
10
20
30
40
50
60
70
0
100
200
700
300
400
500
600
t DEL1
t DEL2
800
UCC2897A
www.ti.com
SLUS829E – AUGUST 2008 – REVISED APRIL 2015
Typical Characteristics (continued)
Figure 15. Delay Time vs. Delay Resistance
Figure 14. Out And AUX Rise And Fall Time vs. Junction
Temperature
Figure 17. Delay Time vs. Junction Temperature
Figure 16. Delay Time vs. Junction Temperature
Figure 18. Reference Voltage vs. Temperature
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC2897A


Similar Part No. - UCC2897A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897APWR TI-UCC2897APWR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897ARGPR TI-UCC2897ARGPR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897ARGPT TI-UCC2897ARGPT Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2897A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI-UCC2897 Datasheet
482Kb / 32P
[Old version datasheet]   ADVANCED CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI1-UCC2897_15 Datasheet
1,001Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com