Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2897APW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2897APW
Description  Advanced Current-Mode Active-Clamp PWM Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2897APW Datasheet(HTML) 3 Page - Texas Instruments

  UCC2897APW Datasheet HTML 1Page - Texas Instruments UCC2897APW Datasheet HTML 2Page - Texas Instruments UCC2897APW Datasheet HTML 3Page - Texas Instruments UCC2897APW Datasheet HTML 4Page - Texas Instruments UCC2897APW Datasheet HTML 5Page - Texas Instruments UCC2897APW Datasheet HTML 6Page - Texas Instruments UCC2897APW Datasheet HTML 7Page - Texas Instruments UCC2897APW Datasheet HTML 8Page - Texas Instruments UCC2897APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
RDEL
NC
VIN
NC
LINEOV
CS
RSLOPE
FB
SS/SD
PGND
20
19
18
17
16
6
7
8
9
10
15 14 13 12 11
1
2
3
4
5
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VIN
N/C
RDEL
RON
ROFF
VREF
SYNC
GND
CS
RSLOPE
N/C
LINEOV
LINEUV
VDD
PVDD
OUT
AUX
PGND
SS/SD
FB
UCC2897A
www.ti.com
SLUS829E – AUGUST 2008 – REVISED APRIL 2015
5 Device Options
CYCLE-BY-
110-V HV JFET
PART NUMBER
AUX OUTPUT
HICCUP MODE
APPLICATION
CYCLE CS
START-UP
POLARITY
CS THRESHOLD
TSSOP-20 (PW)(1)
QFN-20 (RGP)(2)
THRESHOLD
CIRCUIT
DC/DC
P-Channel
0.5 V
0.75 V
Yes
UCC2897APW
UCC2897ARGP
(1)
The PW package is available taped and reeled. Add R suffix to the device type (for example: UCC2897APWR) to order quantities of
2,000 devices per reel. Bulk quantities are 70 units per tube. The RGP package is available in two options of tape and reel. The RGPT
is orderable in small reels of 250 (for example: UCC2897ARGPT); the RGPR contains 3000 pieces per reel (for example:
UCC2897ARGPR).
(2)
The TSSOP-20 (PW) and QFN-20 (RGP) package uses Pb-free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C
to 260°C peak reflow temperature and compatible with either lead-free, tin, or lead soldering operations.
6 Pin Configuration and Functions
PW Package
20-Pin TSSOP
Top View
RGP Package
20-Pin VQFN
Bottom View
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC2897A


Similar Part No. - UCC2897APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897APWR TI-UCC2897APWR Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
More results

Similar Description - UCC2897APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI-UCC2897 Datasheet
482Kb / 32P
[Old version datasheet]   ADVANCED CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
UCC2897 TI1-UCC2897_15 Datasheet
1,001Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com