Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28060 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC28060
Description  Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28060 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28060_15 Datasheet HTML 5Page - Texas Instruments UCC28060_15 Datasheet HTML 6Page - Texas Instruments UCC28060_15 Datasheet HTML 7Page - Texas Instruments UCC28060_15 Datasheet HTML 8Page - Texas Instruments UCC28060_15 Datasheet HTML 9Page - Texas Instruments UCC28060_15 Datasheet HTML 10Page - Texas Instruments UCC28060_15 Datasheet HTML 11Page - Texas Instruments UCC28060_15 Datasheet HTML 12Page - Texas Instruments UCC28060_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
7
VINAC
+
1.4V
Brownout
3.20V
+
440ms Delay
26 ms
H L Delay
_
Input Range
7mA
Crossover
Notch
Reduction
Phase A
On Time Control
3
1.68V/1V
ZCDA
+
1.68V/1V
ZCDB
+
16
1
Phase B
On Time Control
2
VSENSE
+
VREF
g
m
6V
15
EN
+
6.45V
OV
+
4.95V
300nA
TSET
STOPA
STOPB
5
COMP
150mV
Burst Operation
(UCC28060 only)
Brownout
EN
UV
+
12
VCC
GDA
13
PGND
UV
12.6V
10.35V
24V
11
GDB
14
+
13.5V
PGND
Interleave
Control
4.87V
9
PWMCNTL
36mA
8
HVSEN
Phase
OK
2.5V
+
+
HVSEN OV
10
CS
Overcurrent
+
OV
OC
TSD
STOPA
HVSENOV
Burst Operation
STOPB
SinglePhase
-0.2V/-0.015V
OC
+
1.1V (HIGH-LINE
UCC28060 only)
0.8V (LOW-LINE)
SinglePhase
4
PHB
6
AGND
Thermal
ShutDown
+
160C
T
J
TSD
ZCA
ZCB
Phase Fail
Detector
1.25V
13.5V
(UCC28060 only)
OV (UCC28061 only)
EN
UV
96ms
UCC28060
www.ti.com .................................................................................................................................................... SLUS767E – MAY 2007 – REVISED NOVEMBER 2008
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC28060


Similar Part No. - UCC28060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_17 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - UCC28060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28060 TI1-UCC28060_13 Datasheet
1Mb / 36P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI-UCC28060 Datasheet
873Kb / 31P
[Old version datasheet]   Natural Interleaving??DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28060 TI1-UCC28060_17 Datasheet
1Mb / 37P
[Old version datasheet]   Natural Interleaving DUAL-PHASE TRANSITION-MODE PFC CONTROLLER
UCC28061DR TI1-UCC28061DR Datasheet
864Kb / 35P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise
UCC28063 TI-UCC28063_15 Datasheet
1Mb / 44P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28063 TI-UCC28063 Datasheet
1Mb / 46P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller with Improved Audible Noise Immunity
UCC28061 TI-UCC28061 Datasheet
709Kb / 31P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_1 Datasheet
987Kb / 34P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28061 TI-UCC28061_15 Datasheet
771Kb / 36P
[Old version datasheet]   Natural Interleaving??Transition-Mode PFC Controller With Improved Audible Noise Immunity
UCC28064A TI1-UCC28064A Datasheet
4Mb / 57P
[Old version datasheet]   Natural Interleaving Transition-Mode PFC Controller with High Light-Load Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com