Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28180 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC28180
Description  UCC28180 Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28180 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28180_15 Datasheet HTML 7Page - Texas Instruments UCC28180_15 Datasheet HTML 8Page - Texas Instruments UCC28180_15 Datasheet HTML 9Page - Texas Instruments UCC28180_15 Datasheet HTML 10Page - Texas Instruments UCC28180_15 Datasheet HTML 11Page - Texas Instruments UCC28180_15 Datasheet HTML 12Page - Texas Instruments UCC28180_15 Datasheet HTML 13Page - Texas Instruments UCC28180_15 Datasheet HTML 14Page - Texas Instruments UCC28180_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
UCC28180
www.ti.com
SLUSBQ5B – NOVEMBER 2013 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
The UCC28180 is a boost controller for power factor correction operating at a fixed frequency in continuous
conduction mode. The UCC28180 requires few external components to operate as an active PFC pre-regulator.
UCC28180 employs two control loops. An internal error amplifier and 5-V reference provide a slow outer loop to
control output voltage. External compensation of this outer loop is applied by means of the VCOMP pin. The
inner current loop shapes the average input current to match the sinusoidal input voltage. The inner current loop
avoids the need to sense input voltage by exploiting the relationship between input voltage and boost duty-cycle.
External compensation of the inner current loop is applied by means of the ICOMP pin.
The operating switching frequency can be programmed from 18 kHz to 250 kHz simply by connecting the FREQ
pin to ground through a resistor.
UCC28180 includes a number of protection functions designed to ensure it is reliable, and will provide safe
operation under all conditions, including abnormal or fault conditions.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC28180


Similar Part No. - UCC28180_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28180D TI1-UCC28180D Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
UCC28180DR TI1-UCC28180DR Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
More results

Similar Description - UCC28180_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28180 TI1-UCC28180 Datasheet
1Mb / 48P
[Old version datasheet]   Programmable Frequency, Continuous Conduction Mode (CCM), Boost Power Factor Correction (PFC) Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com