Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28610D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28610D
Description  Green-Mode Flyback Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28610D Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28610D Datasheet HTML 2Page - Texas Instruments UCC28610D Datasheet HTML 3Page - Texas Instruments UCC28610D Datasheet HTML 4Page - Texas Instruments UCC28610D Datasheet HTML 5Page - Texas Instruments UCC28610D Datasheet HTML 6Page - Texas Instruments UCC28610D Datasheet HTML 7Page - Texas Instruments UCC28610D Datasheet HTML 8Page - Texas Instruments UCC28610D Datasheet HTML 9Page - Texas Instruments UCC28610D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
UCC28610
SLUS888G – JANUARY 2009 – REVISED SEPTEMBER 2015
www.ti.com
6.4 Thermal Information
UCC28610
THERMAL METRIC (1)
D (SOIC)
P (PDIP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
117.5
56.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
63.7
45.7
°C/W
RθJB
Junction-to-board thermal resistance
57.8
33.5
°C/W
ψJT
Junction-to-top characterization parameter
15.3
22.9
°C/W
ψJB
Junction-to-board characterization parameter
57.3
33.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Unless otherwise stated: VDD = 12 V, VGG = 12 V, ZCD = 1 V, IFB = 10 µA, GND = 0 V, a 0.1-μF capacitor between VDD
and GND, a 0.1-
μF capacitor between VGG and GND, RCL = 33.2 kΩ, RMOT = 380 kΩ, –40°C < TA < +125°C, TJ = TA
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD and VGG SUPPLY
VGG(OPERATING)
VGG voltage, operating
VDD = 14 V, IVGG = 2.0 mA
13
14
15
V
VGG(DISABLED)
VGG voltage, PWM disabled
VDD = 12 V, IVGG = 15 μA, IFB = 350 μA
15
16
17
V
Rise in VGG clamping voltage
ΔVGG
VGG(DISABLED) – VGG(OPERATING)
1.75
2.00
2.15
V
during UVLO, GM, or Fault
VGG = VGG(DISABLED) -100 mV, VDD = 12
IVGG(SREG)
VGG shunt regulator current
6
10
μA
V
ΔVGG(SREG)
VGG shunt load regulation
10
μA ≤ IVGG ≤ 5 mA, IFB = 350 μA
125
200
mV
VGG(LREG)
VGG LDO regulation voltage
VDD = 20 V, IVGG = – 2 mA
13
V
VGG(LREG, DO)
VGG LDO Dropout Voltage
VDD – VGG, VDD = 11 V, IVGG = – 2 mA
1.5
2
2.5
V
VDD(ON)
UVLO turn-on threshold
9.7
10.2
10.7
V
VDD(OFF)
UVLO turn-off threshold
7.55
8
8.5
V
ΔVDD(UVLO)
UVLO hysteresis
1.9
2.2
2.5
V
IVDD(OPERATING)
Operating current
VDD = 20 V
2.5
3
3.7
mA
IVDD(GM)
Idle current between bursts
IFB = 350 μA
550
900
μA
IVDD(UVLO)
Current for VDD < UVLO
VDD = VDD(ON) – 100 mV, increasing
225
310
μA
VDD Switch on resistance, DRV to
RDS,ON(VDD)
VGG = 12 V, VDD = 7V, IDRV = 50 mA
4
10
VDD
VDD(FAULT RESET)
VDD for fault latch reset
5.6
6
6.4
V
MODULATION
Minimum switching period,
tS(HF)
(1)
IFB = 0 μA,
(1)
7.125
7.5
7.875
μs
frequency modulation (FM) mode
Maximum switching period,
tS(LF)
(1)
reached at end of FM modulation
IFB = IFB, CNR3 – 20 μA,
(1)
31
34
38
μs
range
IFB = 0 μA, RCL = 33. 2 kΩ
2.85
3
3.15
Maximum peak driver current over
IDRVpk(max)
A
amplitude modulation(AM) range
IFB = 0 μA, RCL = 100 kΩ
0.80
0.90
1.0
Minimum peak driver current
IFB, CNR2 + 10 μA, RCL = 33.2 kΩ
0.7
0.85
1.1
IDRVpk(min)
reached at end of AM modulation
A
IFB, CNR2 + 10 μA, RCL = 100 kΩ
0.2
0.33
0.5
range
KP
Maximum power constant
IDRVpk(max) = 3 A
0.54
0.60
0.66
W/
μH
Minimum peak driver independent
IDRVpk(absmin)
RCL = OPEN
0.3
0.45
0.6
A
of RCL or AM control
(1)
tS sets a minimum switching period. Following the starting edge of a PWM on time, under normal conditions, the next on time is initiated
following the first zero crossing at ZCD after tS. The value of tS is modulated by IFB between a minimum of tS(HF) and a maximum of
tS(LF) In normal operation, tS(HF) sets the maximum operating frequency of the power supply and tS(LF) sets the minimum operating
frequency of the power supply.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: UCC28610


Similar Part No. - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610DR TI-UCC28610DR Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
More results

Similar Description - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
logo
Excelliance MOS Corp.
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com