Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28610D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28610D
Description  Green-Mode Flyback Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28610D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28610D Datasheet HTML 7Page - Texas Instruments UCC28610D Datasheet HTML 8Page - Texas Instruments UCC28610D Datasheet HTML 9Page - Texas Instruments UCC28610D Datasheet HTML 10Page - Texas Instruments UCC28610D Datasheet HTML 11Page - Texas Instruments UCC28610D Datasheet HTML 12Page - Texas Instruments UCC28610D Datasheet HTML 13Page - Texas Instruments UCC28610D Datasheet HTML 14Page - Texas Instruments UCC28610D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
-40
-20
120
T
B – Board Temperature – °C
0
20
40
60
80
100
0
1.5
2.5
0.5
1.0
2.0
SOIC (D)
DIP (P)
Package
0
P
DISS – Power Dissipation – W
10
0.0
20
60
30
50
40
0.50
1.00
0.25
0.75
SOIC (D)
DIP (P)
Package
20
180
40
60
160
100
120
-40 -25 -10
125
T
A – Ambient Temperature – °C
5
20
35
50
65
80
95 110
80
140
2
0
4
6
12
8
10
-40 -25 -10
125
T
A – Ambient Temperature – °C
5
20
35
50
65
80
95 110
High-Side Drive
VDD Switch
UCC28610
www.ti.com
SLUS888G – JANUARY 2009 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Unless otherwise stated: VDD = 12 V, VGG = 12 V, ZCD = 1 V, IFB = 10 µA, GND = 0 V, a 0.1-μF capacitor between VDD
and GND, a 0.1-
μF capacitor between VGG and GND, RCL = 33.2 kΩ, RMOT = 380 kΩ, –40°C < TA < +125°C, TJ = TA
Figure 14. Driver RDS(on) vs Ambient Temperature
Figure 15. RDS(on) of High Side Drive and VDD Switch vs
Temperature
Figure 16. Safe Operating Area vs Board Temperature
Figure 17. Thermal Coefficient –
θJB vs Power Dissipation
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC28610


Similar Part No. - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610DR TI-UCC28610DR Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
More results

Similar Description - UCC28610D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28610 TI-UCC28610 Datasheet
1Mb / 39P
[Old version datasheet]   GREEN-MODE FLYBACK CONTROLLER
logo
Excelliance MOS Corp.
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
logo
Fairchild Semiconductor
SG6902 FAIRCHILD-SG6902 Datasheet
856Kb / 22P
   Green-Mode PFC / Flyback-PWM Controller
SG6905 FAIRCHILD-SG6905 Datasheet
689Kb / 21P
   Green mode PFC/Flyback-PWM Controller
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com