Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND-TFT-35VX-UHB-TS Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-TFT-35VX-UHB-TS
Description  TFT LCD Touch Panel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-35VX-UHB-TS Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-TFT-35VX-UHB-TS Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-35VX-UHB-TS Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-35VX-UHB-TS Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-35VX-UHB-TS Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-35VX-UHB-TS Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-35VX-UHB-TS Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
05/26/11
2
AND-TFT-35VX-UHB-TS
TFT LCD + Touch Panel
Item
Symbol
Specifications
Unit
Min.
Typ.
Max.
Supply Voltage for Source Driver
VDD1
3.0
3.3
3.6
V
VDD2
9.5
10
10.5
V
Supply Voltage for Gate Driver
VGG
+17
V
VEE
-10
V
VCC
3.0
3.3
3.6
V
Supply Voltage for Vcom
Vcom
(2.7)
V
Digital Input Voltage
VIH
0.8VDD1
VDD1
V
VIL
0
0.2VDD1
ς
Electrical Characteristics - Recommended Operating Conditions (VSS1 = VSS2 = GND = 0V, Ta = 25ºC)
Optical Specifications (Ta = 25 ºC)
Item
Symbol
Condition
Min.
Specifications
Typ.
Max.
Units
Viewing Angle
Horizontal
θ
CR ≥ 10
±45
±50
deg
Vertical
θ
12 (12 o’clock)
10
15
θ
11 (to 6 o’clock)
30
35
Contrast Ratio
Luminance when LCD is white
Luminance when LCD i black
CR
At Optimized
Viewing Angle
200
400
Response Time
Rise
Tr
θ
= 0º
15
30
ms
Fall
Tf
θ
= 0º
25
50
ms
Brightness
LUM
θ
= 0º
1200
1300
cd/m2
Uniformity (%)
U
θ
= 0º
70
75
%
Cross Talk
θ
= 0º
3
%
White
Chhromaticity
x
0.28
0.31
0.34
y
0.30
0.33
0.36
LED Life Time
Ta = 25º
10,000
Hrs
Item
Symbol
Specifications
Unit
Remarks
Min.
Typ.
Max.
Supply Voltage of LED Backlight
VLED
9
9.5
11.5
V
I
L = 20 mA
Supply Current of LED Backlight
ILED1
40
mA
ILED2
40
mA
Backlight Power Consumption
PLED
720
780
mW
Note 2
Note 2: PLED = VLED * ILED + VLED * ILED.
Recommended Driving Conditions for LED Backlight (GND = 0V, Ta = 25ºC)


Similar Part No. - AND-TFT-35VX-UHB-TS

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-LED PURDY-AND-TFT-35VX-UHB-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND-TFT-35VX-UHB-LED PURDY-AND-TFT-35VX-UHB-LED Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND-TFT-35VX-UHB-TS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
List of Unclassifed Man...
GTWV070C3A00PA ETC-GTWV070C3A00PA Datasheet
1Mb / 23P
   TFT LCD Module with Metallized Projective Capacitive Touch Panel (FLETAS touch panel) Hardware Specification
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
   TFT LCD Panel Display
logo
Advantech Co., Ltd.
SPC-815 ADVANTECH-SPC-815 Datasheet
543Kb / 2P
   15.6" HD TFT LED LCD/21.5" Full HD TFT LED LCD Standalone Multi-Touch Panel Computer
24-Jun-2022
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
   17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
TPC-1770H ADVANTECH-TPC-1770H Datasheet
543Kb / 2P
   17 SXGA TFT LCD Core??2 Duo L7400 Touch Panel Computer
TPC-660G ADVANTECH-TPC-660G Datasheet
644Kb / 2P
   AMD LX800 Touch Panel Computer with 6.4 VGA TFT LCD Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com