Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM080 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PM080
Description  AC Fans and Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PM080 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PM080 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/19/07
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
AC Fans and Blowers
PM080-115-1225BT-4
PM080-230-1225BT-4
Features
Size:
120 x 120 x 25 mm (4.7" x 4.7" x 1.0")
Airflow:
80 CFM
Weight:
338 grams (12 oz)
Noise:
45 dBA
Terminal:
.120 inches
Impeller:
Reinforced Plastic (94V-0)
Frame:
Aluminum Alloy
Bearings
Sealed Ball
Dimensions – inches mm
.169±.010
(4.3±0.25)
4.126±.012
(104.8±0.3)
4.705±.020
(119.5±0.5)
Air
Flow
.157±.012
(4.0±0.3)
.157±.012
(4.0±0.3)
.984±.020
(25.0±0.5)
Air Flow vs Air Pressure
.10
.20
0
0
20
10
30
40
50
Air Volume (cfm)
60
70
80
60Hz
50Hz
Performance
*Measured 1 m from intake
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input Power
(W)
(@ 60 Hz)
Max Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
(@ 20 ±15°C)
PM080-115-1225BT-4
115
50/60
18.0
80
0.16
45
-20~ +85
60,000
PM080-230-1225BT-4
230
50/60
18.0
80
0.16
45
-20~ +85
60,000
UL
E101153
CUL
E101153
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - PM080

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
PM080-230-1225BT-4 PURDY-PM080-230-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
logo
List of Unclassifed Man...
PM0805 ETC-PM0805 Datasheet
162Kb / 1P
   Chip Inductors
logo
Bourns Electronic Solut...
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
   High Q Chip Inductors
PM0805-10NM-RC BOURNS-PM0805-10NM-RC Datasheet
224Kb / 1P
   High Q Chip Inductors
More results

Similar Description - PM080

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM037-115-8038BT-4 PURDY-PM037-115-8038BT-4 Datasheet
83Kb / 1P
   AC Fans and Blowers
PM220 PURDY-PM220 Datasheet
86Kb / 1P
   AC Fans and Blowers
PM240 PURDY-PM240 Datasheet
165Kb / 1P
   AC Fans and Blowers
PMB24 PURDY-PMB24 Datasheet
92Kb / 1P
   AC Fans and Blowers
POB19 PURDY-POB19 Datasheet
1Mb / 1P
   AC Fans and Blowers
PM033-115-8025B-4 PURDY-PM033-115-8025B-4 Datasheet
73Kb / 1P
   AC Fans and Blowers
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
PM037 PURDY-PM037 Datasheet
83Kb / 1P
   AC Fans and Blowers
PM033 PURDY-PM033 Datasheet
753Kb / 1P
   AC Fans and Blowers
PM238 PURDY-PM238 Datasheet
71Kb / 1P
   AC Fans and Blowers
PM053-115-1225BT-4 PURDY-PM053-115-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com