Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1106 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW1106
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1106 Datasheet(HTML) 2 Page - New Japan Radio

  NJW1106 Datasheet HTML 1Page - New Japan Radio NJW1106 Datasheet HTML 2Page - New Japan Radio NJW1106 Datasheet HTML 3Page - New Japan Radio NJW1106 Datasheet HTML 4Page - New Japan Radio NJW1106 Datasheet HTML 5Page - New Japan Radio NJW1106 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ver.1.0
NJW1106
- 2 -
n
n
n
n ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
VDD
13
6.5
V
Power Dissipationó
PD
(QFP80) 1.3
(QFP100) 1.3
W
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +150
°C
*On board
n
n
n
n ELECTRICAL CHARACTERISTICS (VCC=10V, VDD=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
XOVERALL
Supply Voltage Range
VCC
VDD
9
4.5
10
5
13
5.5
V
V
Supply Current
ICC
IDD
No Signal
No Signal
-
-
37
6
50
10
mA
mA
Reference Voltage
VREF
No Signal
3.6
4.0
4.4
V
Threshold Voltage
Vthh
Vthl
Digital input high level
Digital input low level
0.7VDD
0.0
-
-
VDD
0.3VDD
V
V
XINPUT AUTO BALANCE
Capture Range
CPR
-
5
-
Error Correction
CER
-
4
-
XADAPTIVE MATRIX (0dB=300mVrms, f=1kHz at Cin Cout)
Output Level Accuracy
relative to Cch
'Vol
L,R,S’ch.out
-0.5
0
0.5
dB
Matrix Rejection relative
MR
L,R,S’ch.out
25
40
-
dB
Headroom
HR-AM
VCC=9V at THD=1%
15
17
-
dB
Total Harmonic Distortion
THD-AM
L,R,C,S’ch.out at 4ch.mode
L,R,ch.out at 2ch.mode
-
-
0.05
0.002
0.2
0.1
%
%
Signal to Noise Ratio
SNAM
Rg=0,wt:CCIR-ARM at 4ch.mode
L,R,ch.out at 2ch.mode
75
93
80
100
-
-
dB
dB
XNOISE SEQUENCER
Output Noise Level
Vno
-15.0
-12.5
-10.0
dB
Output Noise Level
Accuracy relative to Cch
'Vno
L,R,S’ch.out
-0.5
0.0
0.5
dB
XMODIFIED B-TYPE NOISE REDUCTION (0dB=300mVrms, f=100Hz at Sin Sout)
Voltage Gain
GV-NR
Vin=0dBd,f=100Hz
-
9.5
-
dB
Decode Responce1
DEC1
Vin=0dBd,f=1kHz
-1.6
-0.1
1.4
dB
Decode Responce2
DEC2
Vin=-15dBd,f=1.4kHz
-3.0
-1.5
0.0
dB
Decode Responce3
DEC3
Vin=-20dBd,f=1.4kHz
-4.9
-3.4
-1.9
dB
Decode Responce4
DEC4
Vin=-40dBd,f=5kHz
-6.8
-5.3
-3.8
dB
Total Harmonic Distortion
THDNR
Vin=0dBd,f=1kHz
-
0.07
0.3
%
Headroom
HRNR
VCC=9V at THD=1%
15
17
-
dB
Signal to Noise Ratio
SNNR
Rg=0,weightted:CCIR/ARM
73
78
-
dB


Similar Part No. - NJW1106

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102AF1 NJRC-NJW1102AF1 Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102FG1 NJRC-NJW1102FG1 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
More results

Similar Description - NJW1106

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1102A NJRC-NJW1102A Datasheet
158Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1102 NJRC-NJW1102 Datasheet
164Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com