Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVR800D2S6-2G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KVR800D2S6-2G
Description  2GB 256M x 64-Bit DDR2-800
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KVR800D2S6-2G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KVR800D2S6-2G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Memory Module Specifications
KVR800D2S6/2G
2GB 256M x 64-Bit DDR2-800
CL6 200-Pin SODIMM
Kingston.com
Document No. VALUERAM0618-001.A00 02/05/08
DESCRIPTION
This document describes ValueRAM’s 256M x 64-bit 2GB
(2048MB) DDR2-800 CL6 SDRAM (Synchronous DRAM)
memory module. The components on this module include
sixteen 128M x 8-bit DDR2-800 SDRAM in FBGA packages.
This 200-pin SODIMM uses gold contact fingers and requires
+1.8V. The electrical and mechanical specifications are
as follows:
SPECIFICATIONS
Clock Cycle Time (tCK) CL=6
2.5ns (min.) / 8ns (max.)
Row Cycle Time (tRC)
60ns (min.)
Refresh to Active/Refresh
127.5ns
Command Time (tRFC)
Row Active Time (tRAS)
45ns (min.) / 70,000ns (max.)
Single Power Supply of
+1.8V (+/- .1V)
Power
1.584 W (operating)
UL Rating
94 V - 0
Figure 1: KVR800D2S6/2G 200-Pin SODIMM
Note: The module defined in this data sheet is one of several configurations available under this part number. While all configurations are compatible, the DRAM
combination and/or the module height may vary from what is described here.


Similar Part No. - KVR800D2S6-2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR800D2S6-1G ETC2-KVR800D2S6-1G Datasheet
99Kb / 1P
   1GB 1Rx8 128M x 64-Bit DDR2-800
More results

Similar Description - KVR800D2S6-2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR800D2N6-2G ETC2-KVR800D2N6-2G Datasheet
155Kb / 1P
   2GB 2Rx8 256M x 64-Bit DDR2-800
KVR667D2S5-2G ETC2-KVR667D2S5-2G Datasheet
270Kb / 1P
   2GB 256M x 64-Bit DDR2-667
KVR667D2N5-2G ETC2-KVR667D2N5-2G Datasheet
211Kb / 1P
   2GB 256M x 64-Bit DDR2-667
logo
Kingston Technology Far...
KVR800D2N6 KINGSTON-KVR800D2N6 Datasheet
155Kb / 1P
   2GB 2Rx8 256M x 64-Bit DDR2-800 CL6 240-Pin DIMM
logo
List of Unclassifed Man...
KVR400D2S4R3-2G ETC2-KVR400D2S4R3-2G Datasheet
194Kb / 1P
   2GB 256M x 72-Bit DDR2-400
KVR13S9S6-2 ETC2-KVR13S9S6-2 Datasheet
239Kb / 2P
   2GB 1Rx16 256M x 64-Bit PC3-10600
KVR16N11S6-2 ETC2-KVR16N11S6-2 Datasheet
148Kb / 2P
   2GB 1Rx16 256M x 64-Bit PC3-12800
KVR13LS9S6-2 ETC2-KVR13LS9S6-2 Datasheet
239Kb / 2P
   2GB 1Rx16 256M x 64-Bit PC3L-10600
KVR13N9S6-2 ETC2-KVR13N9S6-2 Datasheet
147Kb / 2P
   2GB 1Rx16 256M x 64-Bit PC3-10600
KVR16LS11S6-2 ETC2-KVR16LS11S6-2 Datasheet
239Kb / 2P
   2GB 1Rx16 256M x 64-Bit PC3L-12800
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com