Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2I2309NZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # PCS2I2309NZ
Description  3.3 V 1:9 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS2I2309NZ Datasheet(HTML) 2 Page - ON Semiconductor

  PCS2I2309NZ Datasheet HTML 1Page - ON Semiconductor PCS2I2309NZ Datasheet HTML 2Page - ON Semiconductor PCS2I2309NZ Datasheet HTML 3Page - ON Semiconductor PCS2I2309NZ Datasheet HTML 4Page - ON Semiconductor PCS2I2309NZ Datasheet HTML 5Page - ON Semiconductor PCS2I2309NZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCS2I2309NZ
http://onsemi.com
2
Figure 2. Pin Configuration
1
2
3
413
14
15
16
OUTPUT8
OUTPUT7
OUTPUT9
VDD
BUF_IN
OUTPUT1
OUTPUT2
VDD
5
6
7
89
10
11
12
PCS2I2309NZ
OUTPUT6
OUTPUT5
GND
GND
GND
OUTPUT3
OUTPUT4
VDD
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Description
4, 8, 13
VDD
3.3 V Digital Supply Voltage
5, 9, 12
GND
Ground
1
BUF_IN
Input Clock
2, 3, 6, 7, 10, 11, 14, 15, 16
OUTPUT [1:9]
Outputs
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
−0.5
+4.6
V
DC Input Voltage (Except REF)
−0.5
VDD + 0.5
V
DC Input Voltage (REF)
−0.5
7
V
Storage temperature
−65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. OPERATING CONDITIONS
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature
−40
+85
°C
CL
Load Capacitance, Fout < 100 MHz
30
pF
Load Capacitance, 100 MHz < Fout < 133.33 MHz
15
pF
CIN
Input Capacitance
7
pF
BUF_IN, OUTPUT [1:9]
Operating Frequency
DC
133.33
MHz
tPU
Power−up time for all VDD’s to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
mS


Similar Part No. - PCS2I2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I2309NZF-16-SR PULSECORE-PCS2I2309NZF-16-SR Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2I2309NZF-16-SR PULSECORE-PCS2I2309NZF-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2I2309NZF-16-ST PULSECORE-PCS2I2309NZF-16-ST Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2I2309NZF-16-ST PULSECORE-PCS2I2309NZF-16-ST Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2I2309NZG-16-SR PULSECORE-PCS2I2309NZG-16-SR Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
More results

Similar Description - PCS2I2309NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS2P2309NZ ONSEMI-PCS2P2309NZ Datasheet
104Kb / 6P
   3.3 V 1:9 Clock Buffer
August, 2011 ??Rev. P2
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
   3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ_1 Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com